전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1307 데이터시트(Datasheet) 4 Page - NXP Semiconductors

부품명 TDA1307
상세내용  High-performance bitstream digital filter
PDF  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 4 page
background image
1996 Jan 08
4
Philips Semiconductors
Preliminary specification
High-performance bitstream digital filter
TDA1307
BLOCK DIAGRAM
Fig.2 Block diagram.
handbook, full pagewidth
MGB989
12
12
3
4
WS
SCK
1fs AUDIO DATA INPUTS
SD
EFAB
11
36
37
38
39
42
20
8
21
24
29
32
41
RAB
POR
DA
CL
TEST1
TEST2
DSR
DSL
VDDC3
VDDC1
VDDOSC
VDDAL
VDDAR
VDDC2
MULTIPLE FORMAT
INPUT INTERFACE
ERROR CONCEALMENT,
INTERPOLATION, MUTING
DIGITAL
OUTPUT
DIGITAL SILENCE DETECTION
DE–EMPHASIS FILTER
MICRO–
PROCESSOR
INTERFACE
FIR HALFBAND FILTER
STAGE 1: 1fs to 2fs
FIR HALFBAND FILTER
STAGE 2: 2fs to 4fs
FIR HALFBAND FILTER
STAGE 3: 4fs to 8fs
DC–CANCELLING FILTER
PEAK DETECTION
FADE FUNCTION
VOLUME CONTROL
DITHER AND SCALING
3rd/4th ORDER
NOISE SHAPER
CLOCK
GENERATION
AND
DISTRIBUTION
19
10
13
5
6
25
22
23
15
7
14
17
18
9
16
30
31
40
RESYNC
DOBM
DSTB
SBCL
SBDA
VSSOSC
VSSC2
VSSC3
VSSAL
VSSAR
VSSC1
XTAL1
XTAL2
CMIC
DOL
NDOL
CDAC
NDOR
BITSTREAM DATA OUTPUTS
DOR
MODE
27
28
35
34
33
26
CDEC
CLC1
CLC2
CDCC
CRYSTAL
OSCILLATOR
TDA1307




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


데이터시트



관련 부품명

부품명상세내용Html View제조사
SM5835AF2D Digital Image Filter 1 2 3 4 5 MoreNippon Precision Circuits Inc
SAA7152Digital Video Comb Filter DCF 1 2 3 4 5 MoreNXP Semiconductors
DF1706Stereo 24-Bit 192kHz 8x Oversampling Digital Interpolation Filter 1 2 3 4 5 MoreTI store
TMC2242CDigital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out 60 MHz 1 2 3 4 5 MoreFairchild Semiconductor
TC90A80N3-Line Digital Comb Filter for VCR YNR/CNR and Skew Correctors NTSC 1 2 3 4 5 MoreToshiba Semiconductor
SAA7345CMOS digital decoding IC with RAM for Compact Disc 1 2 3 4 5 MoreNXP Semiconductors
SM5840AFor Digital Audio Multi-function Digital Filter 1 2 3 4 5 MoreNippon Precision Circuits Inc
CXD1088AQOver Sampling Digital Filter LSI 1 2 3 4 5 MoreSony Corporation
TVP5147M1PFPNTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPbPr INPUTS AND 5-LINE COMB FILTER 1 2 3 4 5 MoreTI store
SM58074 FOLD OVER SAMPLING DIGITAL FILTER FOR DIGITAL AUDIO 1 2 3 4 5 MoreNippon Precision Circuits Inc

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl