전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1308T 데이터시트(Datasheet) 1 Page - NXP Semiconductors

부품명 TDA1308T
상세내용  Class AB stereo headphone driver
PDF  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 1 page
background image
August 1994
2
Philips Semiconductors
Product specification
Class AB stereo headphone driver
TDA1308
FEATURES
• Wide temperature range
• No switch ON/OFF clicks
• Excellent power supply ripple rejection
• Low power consumption
• Short-circuit resistant
• High performance
– high signal-to-noise ratio
– high slew rate
– low distortion
• Large output voltage swing.
GENERAL DESCRIPTION
The TDA1308 is an integrated class AB stereo headphone
driver contained in an SO8 or a DIP8 plastic package. The
device is fabricated in a 1 mm CMOS process and has
been primarily developed for portable digital audio
applications.
QUICK REFERENCE DATA
VDD = 5 V; VSS = 0 V; Tamb = 25 °C; fi = 1 kHz; RL = 32 Ω; unless otherwise specified.
Note
1. VDD = 5 V; VO(p-p) = 3.5 V (at 0 dB).
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
single
3.0
5.0
7.0
V
dual
1.5
2.5
3.5
V
VSS
negative supply voltage
−1.5
−2.5
−3.5
V
IDD
supply current
no load
3
5
mA
Ptot
total power dissipation
no load
15
25
mW
Po
maximum output power
THD < 0.1%; note 1
60
mW
(THD + N)/S
total harmonic distortion plus
noise-to-signal ratio
note 1
0.03
0.06
%
−70
−65
dB
RL = 5 kΩ
−101
dB
S/N
signal-to-noise ratio
100
110
dB
α
cs
channel separation
70
dB
RL = 5 kΩ
105
dB
PSRR
power supply ripple rejection fi = 100 Hz; Vripple(p-p) = 100 mV
90
dB
Tamb
operating ambient
temperature
−40
+85
°C
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1308
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
TDA1308T
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트



관련 부품명

부품명상세내용Html View제조사
MS6308Class AB Stereo Headphone Driver Low Distortion Excellent PSRR 1 2 3 4 5 MoreMOSA ELECTRONICS
MS6308Class AB stereo headphone driver 1 2 3 4 5 List of Unclassifed Manufacturers
TDA1308AClass AB stereo headphone driver 1 2 3 4 5 MoreNXP Semiconductors
APA3541Class AB Stereo Headphone Driver with Mute 1 2 3 4 5 MoreAnpec Electronics Coropration
APA2308Class AB Stereo Headphone Driver 1 2 3 4 5 MoreAnpec Electronics Coropration
SC1308LCLASS AB STEREO HEADPHONE DRIVER 1 2 3 4 Silan Microelectronics Joint-stock
TP5228CLASS AB STEREO HEADPHONE DRIVER WITH MUTE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MS633116-bit Stereo Audio DAC & Headphone Driver Component Less Low Cost 1 2 3 4 5 MoreMOSA ELECTRONICS
RT9131Class AB stereo Headphone Drive with Mute 1 2 3 4 5 MoreList of Unclassifed Manufacturers

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl