전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1311A 데이터시트(Datasheet) 6 Page - NXP Semiconductors

부품명 TDA1311A
상세내용  Stereo Continuous Calibration DAC CC-DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 6 page
background image
1995 Dec 18
6
Philips Semiconductors
Preliminary specification
Stereo Continuous Calibration DAC
(CC-DAC)
TDA1311A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Human body model: C = 100 pF, R = 1500
Ω, 3 pulses positive and 3 pulses negative.
2. Machine model: C = 200 pF, L = 0.5
µH, R = 10 Ω, 3 pulses positive and 3 pulses negative.
THERMAL RESISTANCE
QUALITY SPECIFICATION
In accordance with SNW-FQ-0611.
CHARACTERISTICS
VDD =5V; Tamb =25 °C; measured in Fig.1; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
6.0
V
Tstg
storage temperature
−55
+150
°C
TXTAL
maximum crystal temperature
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Ves
electrostatic handling
note 1
−2000
+2000
V
note 2
−200
+200
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
DIL8
100
K/W
SO8
210
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
4.0
5.0
5.5
V
IDD
supply current
at code 0000H
3.4
6.0
mA
Digital inputs; pins WS, BCK and DATA
|I
IL|
input leakage current LOW
VI = 0.8 V
−−
10
µA
|IIH|
input leakage current HIGH
VI = 2.4 V
−−
10
µA
fBCK
clock frequency
−−
18.4
MHz
BR
bit rate data input
−−
18.4
Mbits/s
fWS
word select input frequency
−−
384
kHz




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1310AStereo Continuous Calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1312AStereo continuous calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1313Stereo continuous calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1387TStereo Continuous Calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1545AStereo continuous calibration DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1549TStereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1 1 2 3 4 5 MoreNXP Semiconductors
TDA1305TStereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2 1 2 3 4 5 MoreNXP Semiconductors
TDA1546TBitstream Continuous Calibration DAC with digital sound processing BCC-DAC 1 2 3 4 5 MoreNXP Semiconductors
AD1859Stereo Single-Supply 18-Bit Integrated DAC 1 2 3 4 5 MoreAnalog Devices
CS43L43Low Voltage Stereo DAC With Headphone Amp 1 2 3 4 5 MoreCirrus Logic

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl