전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1312 데이터시트(Datasheet) 10 Page - NXP Semiconductors

부품명 TDA1312
상세내용  Stereo continuous calibration DAC CC-DAC
PDF  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 10 page
background image
July 1993
10
Philips Semiconductors
Preliminary specification
Stereo continuous calibration
DAC (CC-DAC)
TDA1312A; TDA1312AT
PACKAGE OUTLINES
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT97-1
92-11-17
95-02-04
UNIT
A
max.
12
b1
(1)
(1)
(1)
b2
cD
E
e
M
Z
H
L
mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
A
min.
A
max.
b
max.
w
ME
e 1
1.73
1.14
0.53
0.38
0.36
0.23
9.8
9.2
6.48
6.20
3.60
3.05
0.254
2.54
7.62
8.25
7.80
10.0
8.3
1.15
4.2
0.51
3.2
inches
0.068
0.045
0.021
0.015
0.014
0.009
1.07
0.89
0.042
0.035
0.39
0.36
0.26
0.24
0.14
0.12
0.01
0.10
0.30
0.32
0.31
0.39
0.33
0.045
0.17
0.020
0.13
b2
050G01
MO-001AN
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
8
1
5
4
b
E
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
pin 1 index
DIP8: plastic dual in-line package; 8 leads (300 mil)
SOT97-1




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1310AStereo Continuous Calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1311AStereo Continuous Calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1313Stereo continuous calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1387TStereo Continuous Calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1545AStereo continuous calibration DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1549TStereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1 1 2 3 4 5 MoreNXP Semiconductors
TDA1305TStereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2 1 2 3 4 5 MoreNXP Semiconductors
TDA1546TBitstream Continuous Calibration DAC with digital sound processing BCC-DAC 1 2 3 4 5 MoreNXP Semiconductors
AD1859Stereo Single-Supply 18-Bit Integrated DAC 1 2 3 4 5 MoreAnalog Devices
CS43L43Low Voltage Stereo DAC With Headphone Amp 1 2 3 4 5 MoreCirrus Logic

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl