전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1313T 데이터시트(Datasheet) 11 Page - NXP Semiconductors

부품명 TDA1313T
상세내용  Stereo continuous calibration DAC CC-DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 11 page
background image
July 1993
11
Philips Semiconductors
Objective specification
Stereo continuous calibration DAC
(CC-DAC)
TDA1313; TDA1313T
APPLICATION INFORMATION
Fig.7 TDA1313T as line driver with 3 k
Ω/200 pF load.
handbook, full pagewidth
MGE232
3
k
3
16
1
2
15
4
12
11
100 nF
VDDA
56
100 nF
VDDO
13
14
100 nF
VDDD
22
µF
8
7
9
10
1 nF
VOUTR
TDA1313T
200
pF
3
k
1 nF
VOUTL
200
pF
Fig.8 TDA1313T as headphone driver with 32
Ω load.
handbook, full pagewidth
MGE233
8.2
k
8.2
k
32
32
3
16
1
2
15
4
12
11
100 nF
VDDA
56
100 nF
VDDO
13
14
100 nF
VDDD
100
µF
100
µF
22
µF
8
7
9
10
2
nF
2
nF
VOUTL
VOUTR
TDA1313T




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1310AStereo Continuous Calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1311AStereo Continuous Calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1312AStereo continuous calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1387TStereo Continuous Calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1545AStereo continuous calibration DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1549TStereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1 1 2 3 4 5 MoreNXP Semiconductors
TDA1305TStereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2 1 2 3 4 5 MoreNXP Semiconductors
TDA1546TBitstream Continuous Calibration DAC with digital sound processing BCC-DAC 1 2 3 4 5 MoreNXP Semiconductors
AD1859Stereo Single-Supply 18-Bit Integrated DAC 1 2 3 4 5 MoreAnalog Devices
CS43L43Low Voltage Stereo DAC With Headphone Amp 1 2 3 4 5 MoreCirrus Logic

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl