전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1314T 데이터시트(Datasheet) 7 Page - NXP Semiconductors

부품명 TDA1314T
상세내용  Quadruple filter DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 7 page
background image
August 1994
8
Philips Semiconductors
Product specification
Quadruple filter DAC
TDA1314T
Fig.4 Total harmonic distortion plus noise-to-signal ratio as a function of output volume.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. All voltages (pins 6, 7 and 15) referenced to ground.
2. Equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDDD
digital supply voltage
note 1
0
6.0
V
VDDA
analog supply voltage
note 1
0
6.0
V
VDDO
operational amplifier supply voltage
note 1
0
6.0
V
Vn
voltage on any other pin
0
VDD
V
Txtal
crystal temperature
+150
°C
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Ves
electrostatic handling
note 2
−2000
+2000
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
76
K/W




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1386TNoise shaping filter DAC 1 2 3 4 5 MoreNXP Semiconductors
UDA1320ATSLow-cost stereo filter DAC 1 2 3 4 5 MoreNXP Semiconductors
UDA1324TSUltra low-voltage stereo filter DAC 1 2 3 4 5 MoreNXP Semiconductors
UDA1328TMulti-channel filter DAC 1 2 3 4 5 MoreNXP Semiconductors
UDA1330ATSLow-cost stereo filter DAC 1 2 3 4 5 MoreNXP Semiconductors
WM5621LLow-power Quadruple 8-Bit DAC 1 2 3 4 5 MoreWolfson Microelectronics plc
TDA1549TStereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1 1 2 3 4 5 MoreNXP Semiconductors
TDA1305TStereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2 1 2 3 4 5 MoreNXP Semiconductors
TDA1306TNoise shaping filter DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1311AStereo Continuous Calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl