전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1386 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA1386
상세설명  Noise shaping filter DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1386 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA1386 Datasheet HTML 1Page - NXP Semiconductors TDA1386 Datasheet HTML 2Page - NXP Semiconductors TDA1386 Datasheet HTML 3Page - NXP Semiconductors TDA1386 Datasheet HTML 4Page - NXP Semiconductors TDA1386 Datasheet HTML 5Page - NXP Semiconductors TDA1386 Datasheet HTML 6Page - NXP Semiconductors TDA1386 Datasheet HTML 7Page - NXP Semiconductors TDA1386 Datasheet HTML 8Page - NXP Semiconductors TDA1386 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1998 Jan 06
5
Philips Semiconductors
Product specification
Noise shaping filter DAC
TDA1386T
PINNING
SYMBOL
PIN
DESCRIPTION
VDDA
1
analog supply voltage
AGND
2
analog ground
TEST1
3
test input 1; pin should be
connected to DGND
BCK
4
bit clock input
WS
5
word select input
DATA
6
data input
CKSL1
7
format selection 1
CKSL2
8
format selection 2
DGND
9
digital ground
VDDD
10
digital supply voltage
TEST2
11
test input 2; pin should be
connected to DGND
SYSCLK
12
system clock 256fs
APP3
13
application mode 3 input
APPL
14
application mode selection input
APP2
15
application mode 2 input
APP1
16
application mode 1 input
APP0
17
application mode 0 input
VOL
18
left channel output
FILTCL
19
capacitor for left channel 1st-order
filter function, should be connected
between pins 19 and 18
FILTCR
20
capacitor for right channel 1st-order
filter function, should be connected
between pins 20 and 21
VOR
21
right channel output
Vref
22
internal reference voltage for output
channels (0.5VDDO typ.)
OGND
23
operational amplifier ground
VDDO
24
operational amplifier supply voltage
Fig.2 Pin configuration.


유사한 부품 번호 - TDA1386

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1387 PHILIPS-TDA1387 Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388M PHILIPS-TDA1388M Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results

유사한 설명 - TDA1386

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1306T PHILIPS-TDA1306T Datasheet
220Kb / 24P
   Noise shaping filter DAC
1998 Jan 06
logo
EPCOS
B2581 EPCOS-B2581 Datasheet
88Kb / 6P
   Spectrum Shaping Filter
logo
Texas Instruments
DF1760P TI1-DF1760P Datasheet
171Kb / 17P
[Old version datasheet]   Multi-Bit Enhanced Noise Shaping 20-Bit
logo
List of Unclassifed Man...
CR-200 ETC-CR-200 Datasheet
133Kb / 2P
   Gaussian shaping amplifier
logo
NXP Semiconductors
TDA1314T PHILIPS-TDA1314T Datasheet
139Kb / 15P
   Quadruple filter DAC
August 1994
logo
Burr-Brown (TI)
PCM1760P BURR-BROWN-PCM1760P Datasheet
201Kb / 15P
   Multi-Bit Enhanced Noise Shaping 20-Bit ANALOG-TO-DIGITAL CONVERSION SYSTEM
logo
NXP Semiconductors
UDA1328T PHILIPS-UDA1328T Datasheet
128Kb / 28P
   Multi-channel filter DAC
2000 Jan 04
logo
List of Unclassifed Man...
TSP3 ETC2-TSP3 Datasheet
107Kb / 2P
   ATM Forum TM4.1 traffic shaping
logo
Okaya Electric America,...
3SUP-HE5-ER-6 OKAYA-3SUP-HE5-ER-6 Datasheet
444Kb / 1P
   NOISE FILTER
SUP-E1H-EP OKAYA-SUP-E1H-EP Datasheet
452Kb / 1P
   NOISE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com