전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1387 데이터시트(Datasheet) 3 Page - NXP Semiconductors

부품명 TDA1387
상세내용  Stereo Continuous Calibration DAC CC-DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 3 page
background image
1995 Dec 11
3
Philips Semiconductors
Preliminary specification
Stereo Continuous Calibration DAC (CC-DAC)
TDA1387T
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
3.0
5.0
5.5
V
IDD
supply current
VDD = 5 V at code 0000H
5.5
6.5
mA
IFS
full scale output current
VDD = 5 V
0.86
1.0
1.14
mA
VDD =3V
0.6
mA
(THD + N)/S total harmonic distortion
plus noise-to-signal ratio
at 0 dB signal level
−−88
−78
dB
at 0 dB signal level
0.004
0.012
%
at
−60 dB signal level
−−33
−24
dB
at
−60 dB signal level
2.2
6
%
at
−60 dB; A-weighted
−−35
dB
at
−60 dB; A-weighted
1.7
%
S/N
signal-to-noise ratio at
bipolar zero
A-weighted at code 0000H
86
98
dB
tcs
current settling time to
±1 LSB
0.2
−µs
BR
input bit rate (pin 3)
−−
18.4
Mbits/s
fclk
clock frequency
−−
18.4
MHz
TCFS
full scale temperature
coefficient at pins 6 and 8
−±400 × 10−6
Tamb
operating ambient
temperature
−40
+85
°C
Ptot
total power dissipation
VDD = 5 V at code 0000H
27.5
36
mW
VDD = 3 V at code 0000H
10
mW




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1310AStereo Continuous Calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1311AStereo Continuous Calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1312AStereo continuous calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1313Stereo continuous calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1545AStereo continuous calibration DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1549TStereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1 1 2 3 4 5 MoreNXP Semiconductors
TDA1305TStereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2 1 2 3 4 5 MoreNXP Semiconductors
TDA1546TBitstream Continuous Calibration DAC with digital sound processing BCC-DAC 1 2 3 4 5 MoreNXP Semiconductors
AD1859Stereo Single-Supply 18-Bit Integrated DAC 1 2 3 4 5 MoreAnalog Devices
CS43L43Low Voltage Stereo DAC With Headphone Amp 1 2 3 4 5 MoreCirrus Logic

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl