전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1388T 데이터시트(Datasheet) 7 Page - NXP Semiconductors

부품명 TDA1388T
상세내용  Bitstream continuous calibration filter-DAC for CD-ROM audio applications
PDF  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 7 page
background image
1996 Jul 17
7
Philips Semiconductors
Objective specification
Bitstream continuous calibration filter-DAC
for CD-ROM audio applications
TDA1388
STATIC-PIN MODE
In the static-pin mode most of the features have a default
value (see Table 3). The features that are controlled by the
external pins are, mute left channel, mute right channel
and de-emphasis.
Table 4
External pin feature control in the static-pin
mode
MICROCONTROLLER MODE
The exchange of data and control information between the
microcontroller and the TDA1388 is accomplished through
a serial hardware interface comprising the following pins:
APPL0: microcontroller interface data line.
APPL1: microcontroller interface mode line.
APPL2: microcontroller interface clock line.
Information transfer through the microcontroller bus is
organized in accordance with the so-called ‘L3’ format, in
which two different modes of operation can be
distinguished; address mode and data transfer mode
(see Figs 4 and 5).
The address mode is required to select a device
communicating via the L3-bus and to define the
destination registers for the data transfer mode.
Data transfer for the TDA1388 can only be in one direction,
input to the TDA1388 to program its sound processing and
other functional features.
Address mode
The address mode is used to select a device for
subsequent data transfer and to define the destination
registers. The address mode is characterized by APPL1
being LOW and a burst of 8 pulses on APPL2,
accompanied by 8 data bits. The fundamental timing is
shown in Fig.4. Data bits 0 to 1 indicate the type of the
subsequent data transfer as shown in Table 5.
PIN
FEATURE
APPL0
mute left channel
APPL1
mute right channel
APPL2
de-emphasis
Table 5
Selection of data transfer
Data bits 7 to 2 represent a 6-bit device address, with bit 7
being the MSB and bit 2 the LSB. The address of the
TDA1388 is 000101 (bit 7 to bit 2). In the event that the
TDA1388 receives a different address, it will deselect its
microcontroller interface logic.
Data transfer mode
The selection preformed in the address mode remains
active during subsequent data transfers, until the
TDA1388 receives a new address command.
The fundamental timing of data transfers is essentially the
same as in the address mode, shown in Fig.4.
The maximum input clock and data rate is 64fs. All
transfers are bitwise, i.e. they are based on groups of
8 bits. Data will be stored in the TDA1388 after the eighth
bit of a byte has been received. A multibyte transfer is
illustrated in Fig.6.
Programming the sound processing and other features
The sound processing and other feature values are stored
in independent registers. The first selection of the registers
is achieved by the choice of data type that is transferred.
This is performed in the address mode, BIT 1 and BIT 0
(see Table 5). The second selection is performed by the
2 MSBs of the data byte (BIT 7 and BIT 6). The other bits
in the data byte (BIT 5 to BIT 0) is the value that is placed
in the selected registers.
When the data transfer of type ‘data’ is selected, the
features VOLUME_R, VOLUME_L, BASS BOOST and
TREBLE can be controlled. When the data transfer of type
‘status’ is selected, the features MODE, DE-EMPHASIS,
CHANNEL_MANIP_R and CHANNEL_MANIP_L can be
controlled.
BIT 1
BIT 0
TRANSFER
0
0
data (volume left, volume right, bass
boost and treble)
0
1
not used
1
0
status (de-emphasis, mode and
channel-manipulation)
1
1
not used
Table 6
Data transfer of type ‘status’
BIT 7
BIT6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REGISTER SELECTED
0
M1
M0
DE
OR1
OR0
OL1
OL0
MODE (1 : 0), DEEMPHASIS, CHANNEL_MA-
NIP_R (1 : 0), CHANNEL_MANIP_L (1 : 0)




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1388TBitstream continuous calibration filter-DAC for CD-ROM audio applications 1 2 3 4 5 MoreNXP Semiconductors
TDA1548TBitstream continuous calibration filter-DAC with headphone driver and DSP 1 2 3 4 5 MoreNXP Semiconductors
NTE388Silicon Complementary Transistors General Purpose High Power Audio Disk Head Positioner for Linear Applications 1 2 NTE Electronics
2SJ105P CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 Toshiba Semiconductor
2SK364N CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SK3462Switching Regulator DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3669Switching Regulators for Audio Amplifier and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK365N CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SJ107P CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SK366N CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl