전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1510 데이터시트(Datasheet) 9 Page - NXP Semiconductors

부품명 TDA1510
상세내용  24 W BTL or 2 x 12 W stereo car radio power amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 9 page
background image
January 1992
9
Philips Semiconductors
Product specification
24 W BTL or 2 x 12 W stereo car radio
power amplifier
TDA1510AQ
APPLICATION INFORMATION
Fig.3 Test and application circuit; Bridge Tied Load (BTL).
(1) belongs to power supply.
Fig.4 Test and application circuit; stereo mode.
(1) belongs to power supply.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1516BQ24 W BTL or 2 x 12 watt stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8566Q2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
TDA8566TH2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
TDA1518BQ24 W BTL or 2 x 12 watt stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA1519A22 W BTL or 2 x 11 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA1519B12 W BTL or 2 x 6 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8560Q2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility 1 2 3 4 5 MoreNXP Semiconductors
TDA1552Q2 x 22 W BTL stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl