전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1514A 데이터시트(Datasheet) 10 Page - NXP Semiconductors

부품명 TDA1514A
상세내용  50 W high performance hi-fi amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

   
 10 page
background image
May 1992
10
Philips Semiconductors
Product specification
50 W high performance hi-fi amplifier
TDA1514A
SOLDERING
Introduction
There is no soldering method that is ideal for all IC
packages. Wave soldering is often preferred when
through-hole and surface mounted components are mixed
on one printed-circuit board. However, wave soldering is
not always suitable for surface mounted ICs, or for
printed-circuits with high population densities. In these
situations reflow soldering is often used.
This text gives a very brief insight to a complex technology.
A more in-depth account of soldering ICs can be found in
our
“IC Package Databook” (order code 9398 652 90011).
Soldering by dipping or by wave
The maximum permissible temperature of the solder is
260
°C; solder at this temperature must not be in contact
with the joint for more than 5 seconds. The total contact
time of successive solder waves must not exceed
5 seconds.
The device may be mounted up to the seating plane, but
the temperature of the plastic body must not exceed the
specified maximum storage temperature (Tstg max). If the
printed-circuit board has been pre-heated, forced cooling
may be necessary immediately after soldering to keep the
temperature within the permissible limit.
Repairing soldered joints
Apply a low voltage soldering iron (less than 24 V) to the
lead(s) of the package, below the seating plane or not
more than 2 mm above it. If the temperature of the
soldering iron bit is less than 300
°C it may remain in
contact for up to 10 seconds. If the bit temperature is
between 300 and 400
°C, contact may be up to 5 seconds.
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.




Html 페이지

1  2  3  4  5  6  7  8  9  10 


데이터시트



관련 부품명

부품명상세내용Html View제조사
AM-AMC-140High Performance Amplifier 29 dB Gain 10 - 200 MHz 1 2 3 Tyco Electronics
AM-119High Performance Amplifier 8 dB Gain 30 - 250 MHz 1 2 3 Tyco Electronics
NJM2114HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER 1 2 3 4 5 New Japan Radio
RM5532High Performance Dual Low Noise Operational Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
AD8014400 MHz Low Power High Performance Amplifier 1 2 3 4 5 MoreAnalog Devices
UPC3403HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreNEC
RC5532High Performance Dual Low Noise Operational Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
AD8692Low Cost High Performance CMOS Rail-to-Rail Output Operational Amplifier 1 2 3 4 5 MoreAnalog Devices
AM-AMC-145High Performance Amplifier 11dB Gain 10 - 1000 MHz 1 2 3 Tyco Electronics
NJM5532HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreNew Japan Radio

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl