전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1515BQ 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 TDA1515BQ
상세설명  24 W BTL or 2 x 12 W stereo car radio power amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1515BQ 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button TDA1515BQ Datasheet HTML 2Page - NXP Semiconductors TDA1515BQ Datasheet HTML 3Page - NXP Semiconductors TDA1515BQ Datasheet HTML 4Page - NXP Semiconductors TDA1515BQ Datasheet HTML 5Page - NXP Semiconductors TDA1515BQ Datasheet HTML 6Page - NXP Semiconductors TDA1515BQ Datasheet HTML 7Page - NXP Semiconductors TDA1515BQ Datasheet HTML 8Page - NXP Semiconductors TDA1515BQ Datasheet HTML 9Page - NXP Semiconductors TDA1515BQ Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
July 1994
6
Philips Semiconductors
Product specification
24 W BTL or 2 x 12 W stereo
car radio power amplifier
TDA1515BQ
D.C. CHARACTERISTICS
A.C. CHARACTERISTICS
Tamb = 25 °C; VP = 14,4 V; f = 1 kHz; unless otherwise specified
Supply voltage range (pin 10)
VP
6 to 18 V
Repetitive peak output current
IORM
<4 A
Total quiescent current
Itot
typ.
75 mA
Switching level 11:
OFF
V11
<
1,8 V
ON
V11
>3 V
Impedance between pins 10 and 6; 10 and 8 (stand-by position V11 < 1,8 V)
|ZOFF|
>
100 k
Stand-by current at V11 = 0 to 0,8 V
Isb
typ.
1
µA
<
100
µA
Switch-on current (pin 11) at V11 ≤ V10 (note 1)
Iso
typ.
10
µA
<
100
µA
Bridge tied load application (BTL); see Fig.3
Output power at RL = 4 Ω (with bootstrap)
VP = 14,4 V; dtot = 0,5%
Po
>
15,5 W
typ.
18 W
VP = 14,4 V; dtot = 10%
Po
>20 W
typ.
24 W
VP = 13,2 V; dtot = 0,5%
Po
typ.
15 W
VP = 13,2 V; dtot = 10%
Po
typ.
20 W
Open loop voltage gain
Go
typ.
75 dB
Closed loop voltage gain (note 2)
Gc
typ.
40 (
± 0,5) dB
Output power without bootstrap (note 9)
VP = 14,4 V; dtot = 10%
Po
typ.
15 W
VP = 14,4 V; dtot = 0,5%
Po
typ.
12 W
VP = 13,2 V; dtot = 10%
Po
typ.
12 W
VP = 13,2 V; dtot = 0,5%
Po
typ.
9 W
Frequency response at
−3 dB (note 3)
B
20 Hz to min. 20 kHz
Input impedance (note 4)
|Zi|>
1 M
Noise input voltage (r.m.s. value) at f = 20 Hz to 20 kHz
RS = 0 Ω
Vn(rms)
typ.
0,2 mV
RS = 10 kΩ
Vn(rms)
typ.
0,35 mV
<
0,8 mV
RS = 10 kΩ; according to IEC 179 curve A
Vn
typ.
0,25 mV
Supply voltage ripple rejection (note 5)
f = 100 Hz
RR
>42 dB
typ.
50 dB


유사한 부품 번호 - TDA1515BQ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1510 PHILIPS-TDA1510 Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
logo
List of Unclassifed Man...
TDA1512 ETC-TDA1512 Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
TDA1512A ETC-TDA1512A Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
TDA1512AQ ETC-TDA1512AQ Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
More results

유사한 설명 - TDA1515BQ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1518BQ PHILIPS-TDA1518BQ Datasheet
80Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com