전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1516B 데이터시트(Datasheet) 4 Page - NXP Semiconductors

부품명 TDA1516B
상세내용  24 W BTL or 2 x 12 watt stereo car radio power amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 4 page
background image
July 1994
4
Philips Semiconductors
Product specification
24 W BTL or 2 x 12 watt stereo car radio
power amplifier
TDA1516BQ
PINNING
FUNCTIONAL DESCRIPTION
The TDA1516BQ contains two identical amplifiers with differential input stages. This device can be used for stereo or
bridge applications. The gain of each amplifier is fixed at 20 dB. A special feature of this device is the mute/stand-by
switch which has the following features:
• low stand-by current (< 100 µA)
• low mute/stand-by switching current (low cost supply switch)
• mute condition.
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
1
−INV1 non-inverting input 1
8
BS2
bootstrap 2
2
INV
inverting input
9
OUT2
output 2
3
GND1
ground (signal)
10
VP
supply voltage
4Vref
reference voltage
11
M/SS
mute/stand-by switch
5
OUT1
output 1
12
RR
supply voltage ripple rejection
6
BS1
bootstrap 1
13
−INV2 non-inverting input 2
7
GND2
ground (substrate)
PARAMETER
CONDITIONS
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
operating
VP
18
V
non-operating
VP
30
V
load dump protected
during 50 ms;
tr ≥ 2,5 ms
VP
45
V
A.C. and d.c. short-circuit-
safe voltage
VPSC
18
V
Reverse polarity
VPR
6V
Energy handling capability
at outputs
VP = 0 V
200
mJ
Non-repetitive peak output
current
IOSM
6A
Repetitive peak output
current
IORM
4A
Total power dissipation
see Fig.2
Ptot
25
W
Crystal temperature
Tc
150
°C
Storage temperature range
Tstg
−55
+ 150
°C




Html 페이지

1  2  3  4  5  6  7  8  9  10  11 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1518BQ24 W BTL or 2 x 12 watt stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA1515BQ24 W BTL or 2 x 12 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8566Q2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
TDA8566TH2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
ILA1519B2 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER 1 2 3 Integral Corp.
ILA1519B12 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER 1 2 3 Integral Corp.
TDA1519A22 W BTL or 2 x 11 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA1519B12 W BTL or 2 x 6 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl