전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA07 데이터시트(PDF) 4 Page - Mitsubishi Electric Semiconductor

부품명 SA07
상세설명  THYRISTOR ARRAY SA SERIES FOR STROBE FLASHER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

SA07 데이터시트(HTML) 4 Page - Mitsubishi Electric Semiconductor

  SA07 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor SA07 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor SA07 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor SA07 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈HIGH-SPEED SWITCHING THYRISTOR ARRAY〉
SA01, SA02, SA04, SA07
THYRISTOR ARRAY
SA SERIES FOR STROBE FLASHER
1000
800
600
400
200
0
220
120
140
160
180
200
1000
800
600
400
200
0
220
120
140
160
180
200
VCM = 350V Ta = 25°C
L = 25µH
SEE FIG.1
1.8
1.6
1.4
1.2
1.0
0.8
100
50
10
0
20 30 40
60 70 80 90
1.7
1.5
1.3
1.1
0.9
TYPICAL EXAMPLE
101
103
7
5
3
2
–20
0
20
102
7
5
3
2
40
60
80
4
4
–10
10
30
50
70
TYPICAL EXAMPLE
SA01,07 AUX THYRISTOR
SA02,04 AUX THYRISTOR
102
23
100
57 101 23 5 7 102 23 5 7 103
104
7
5
3
2
103
7
5
3
2
7
5
3
2
101
TYPICAL EXAMPLE
MAIN
THYRISTOR
SA01,07 AUX THYRISTOR
SA02,04 AUX THYRISTOR
1400
1200
1000
800
600
400
260
160
180
200
220
240
VCM = 350V
L = 25µH
Ta = 25°C
SEE FIG.1
HOLDING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
GATE TRIGGER CURRENT VS.
GATE TRIGGER PULSE WIDTH
GATE TRIGGER PULSE WIDTH (µs)
COMMUTATING CHARACTERISTICS
(SA01,SA02)
PEAK ON-STATE CURRENT (A)
COMMUTATING CHARACTERISTICS
(SA07)
PEAK ON-STATE CURRENT (A)
COMMUTATING CHARACTERISTICS
(SA04)
PEAK ON-STATE CURRENT (A)
COMMUTATING CAPACITOR VS.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)


유사한 부품 번호 - SA07

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
SA07 APEX-SA07 Datasheet
276Kb / 5P
   PULSE WIDTH MODULATION AMPLIFIERS
SA07 CIRRUS-SA07 Datasheet
524Kb / 7P
   Pulse Width Modulation Amplifiers
logo
Bothhand USA, LP.
SA0705 BOTHHAND-SA0705 Datasheet
6Mb / 8P
   6-15 Watt Switching Adapter
SA0706 BOTHHAND-SA0706 Datasheet
6Mb / 8P
   6-15 Watt Switching Adapter
SA0707 BOTHHAND-SA0707 Datasheet
6Mb / 8P
   6-15 Watt Switching Adapter
More results

유사한 설명 - SA07

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
CY20AAJ-8F RENESAS-CY20AAJ-8F Datasheet
196Kb / 5P
   Nch IGBT for Strobe Flasher
CY25AAJ-8F RENESAS-CY25AAJ-8F Datasheet
102Kb / 5P
   Nch IGBT for Strobe Flasher
logo
Powerex Power Semicondu...
CY20AAJ-8F POWEREX-CY20AAJ-8F Datasheet
21Kb / 2P
   Nch IGBT for STROBE FLASHER
logo
Renesas Technology Corp
CY20AAH-8F RENESAS-CY20AAH-8F_15 Datasheet
118Kb / 7P
   Nch IGBT for Strobe Flasher
CT40KM-8H RENESAS-CT40KM-8H Datasheet
110Kb / 5P
   Nch IGBT for Strobe Flasher
CY20AAJ-8H RENESAS-CY20AAJ-8H Datasheet
73Kb / 5P
   Nch IGBT for Strobe Flasher
CY25BAH-8F RENESAS-CY25BAH-8F Datasheet
177Kb / 5P
   Nch IGBT for Strobe Flasher
Rev.3.00,Nov 29, 2005,
CY20AAH-8F RENESAS-CY20AAH-8F Datasheet
98Kb / 5P
   Nch IGBT for Strobe Flasher
logo
Mitsubishi Electric Sem...
CT20AS-8 MITSUBISHI-CT20AS-8 Datasheet
31Kb / 2P
   STROBE FLASHER USE
logo
Powerex Power Semicondu...
CT30VS-8 POWEREX-CT30VS-8 Datasheet
27Kb / 2P
   STROBE FLASHER USE
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com