전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1517ATW 데이터시트(Datasheet) 10 Page - NXP Semiconductors

부품명 TDA1517ATW
상세내용  8 W BTL or 2 x 4 W SE power amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 10 page
background image
2001 Apr 17
10
Philips Semiconductors
Product specification
8 W BTL or 2
× 4 W SE power amplifier
TDA1517ATW
Thermal behaviour (PCB design considerations)
The typical thermal resistance [Rth(j-a)] of the IC in the
HTSSOP20 package is 37 K/W if the IC is soldered on a
printed-circuit board with double sided 35
µm copper with
a minimum area of approximately 30 cm2. The actual
usable thermal resistance depends strongly on the
mounting method of the device on the printed-circuit
board, the soldering method and the area and thickness of
the copper on the printed-circuit board.
The bottom ‘heat-spreader’ of the IC has to be soldered
efficiently on the ‘thermal land’ of the copper area of the
printed-circuit board using the re-flow solder technique.
A number of thermal vias in the ‘thermal land’ provide a
thermal path to the opposite copper site of the
printed-circuit board. The size of the surface layers should
be as large as needed to dissipate the heat.
The thermal vias (0.3 mm
∅) in the ‘thermal land’ should
not use web construction techniques, because those will
have high thermal resistance; continuous connection
completely around the via-hole is recommended.
For a maximum ambient temperature of 60
°C the
following calculation can be made: for the application at
VP = 12 V and RL =8 Ω the (ALL-) music power
dissipation approximately 2.0 W;
Tj(max) =Tamb +P × Rth(j-a) =60 °C + 2.0 × 37 = 134 °C.
Note: the above calculation holds for application at
‘average listening level’ music output signals. Applying (or
testing) with sine wave signals will produce approximately
twice the music power dissipation; at worst case condition
this can activate the maximum temperature protection.
handbook, full pagewidth
60
50
40
30
20
10
0
K/W
1
0
number of 35
µm copper layers
234
CU-LAYER 2-4
MGU306
L
L
ON-BOARD-COOLING
COPPER DESIGN
CU-LAYER 1
Rth(j-a)
Rth(j-p)
Fig.5 Thermal resistance of the HTSSOP20 mounted on printed-circuit board.
Rth(j-p) curve is given for practical calculation purpose.
L = 30 mm plus vias




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
AN7191NZDual 20 W BTL audio power amplifier 1 2 3 4 5 MorePanasonic Semiconductor
TDA1515BQ24 W BTL or 2 x 12 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8566Q2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
LM468010W High-Efficiency Mono BTL Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
MB373214W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreFujitsu Component Limited.
LA474142W 4-Channel BTL Power Amplifier for Car Stereos 1 2 3 Sanyo Semicon Device
TA7274P12W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreToshiba Semiconductor
NTE7088Integrated Circuit Audio Power Amplifier 18 Watt BTL x 2 Channel 1 2 3 NTE Electronics
AN7125Dual Channel BTL Power Amplifier 1 2 3 4 5 MorePanasonic Semiconductor
AN7194KDual BTL 50 W single power supply class-H power amplifier IC 1 2 3 4 Panasonic Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl