전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1517ATW 데이터시트(Datasheet) 15 Page - NXP Semiconductors

부품명 TDA1517ATW
상세내용  8 W BTL or 2 x 4 W SE power amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 15 page
background image
2001 Apr 17
15
Philips Semiconductors
Product specification
8 W BTL or 2
× 4 W SE power amplifier
TDA1517ATW
SOLDERING
Introduction to soldering surface mount packages
This text gives a very brief insight to a complex technology.
A more in-depth account of soldering ICs can be found in
our
“Data Handbook IC26; Integrated Circuit Packages”
(document order number 9398 652 90011).
There is no soldering method that is ideal for all surface
mount IC packages. Wave soldering can still be used for
certain surface mount ICs, but it is not suitable for fine pitch
SMDs. In these situations reflow soldering is
recommended.
Reflow soldering
Reflow soldering requires solder paste (a suspension of
fine solder particles, flux and binding agent) to be applied
to the printed-circuit board by screen printing, stencilling or
pressure-syringe dispensing before package placement.
Several methods exist for reflowing; for example,
convection or convection/infrared heating in a conveyor
type oven. Throughput times (preheating, soldering and
cooling) vary between 100 and 200 seconds depending
on heating method.
Typical reflow peak temperatures range from
215 to 250
°C. The top-surface temperature of the
packages should preferable be kept below 220
°C for
thick/large packages, and below 235
°C for small/thin
packages.
Wave soldering
Conventional single wave soldering is not recommended
for surface mount devices (SMDs) or printed-circuit boards
with a high component density, as solder bridging and
non-wetting can present major problems.
To overcome these problems the double-wave soldering
method was specifically developed.
If wave soldering is used the following conditions must be
observed for optimal results:
• Use a double-wave soldering method comprising a
turbulent wave with high upward pressure followed by a
smooth laminar wave.
• For packages with leads on two sides and a pitch (e):
– larger than or equal to 1.27 mm, the footprint
longitudinal axis is preferred to be parallel to the
transport direction of the printed-circuit board;
– smaller than 1.27 mm, the footprint longitudinal axis
must be parallel to the transport direction of the
printed-circuit board.
The footprint must incorporate solder thieves at the
downstream end.
• For packages with leads on four sides, the footprint must
be placed at a 45
° angle to the transport direction of the
printed-circuit board. The footprint must incorporate
solder thieves downstream and at the side corners.
During placement and before soldering, the package must
be fixed with a droplet of adhesive. The adhesive can be
applied by screen printing, pin transfer or syringe
dispensing. The package can be soldered after the
adhesive is cured.
Typical dwell time is 4 seconds at 250
°C.
A mildly-activated flux will eliminate the need for removal
of corrosive residues in most applications.
Manual soldering
Fix the component by first soldering two
diagonally-opposite end leads. Use a low voltage (24 V or
less) soldering iron applied to the flat part of the lead.
Contact time must be limited to 10 seconds at up to
300
°C.
When using a dedicated tool, all other leads can be
soldered in one operation within 2 to 5 seconds between
270 and 320
°C.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
AN7191NZDual 20 W BTL audio power amplifier 1 2 3 4 5 MorePanasonic Semiconductor
TDA1515BQ24 W BTL or 2 x 12 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8566Q2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
LM468010W High-Efficiency Mono BTL Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
MB373214W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreFujitsu Component Limited.
LA474142W 4-Channel BTL Power Amplifier for Car Stereos 1 2 3 Sanyo Semicon Device
TA7274P12W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreToshiba Semiconductor
NTE7088Integrated Circuit Audio Power Amplifier 18 Watt BTL x 2 Channel 1 2 3 NTE Electronics
AN7125Dual Channel BTL Power Amplifier 1 2 3 4 5 MorePanasonic Semiconductor
AN7194KDual BTL 50 W single power supply class-H power amplifier IC 1 2 3 4 Panasonic Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl