전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1518BQ 데이터시트(Datasheet) 2 Page - NXP Semiconductors

부품명 TDA1518BQ
상세내용  24 W BTL or 2 x 12 watt stereo car radio power amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 2 page
background image
July 1994
2
Philips Semiconductors
Product specification
24 W BTL or 2 x 12 watt stereo
car radio power amplifier
TDA1518BQ
GENERAL DESCRIPTION
The TDA1518BQ is an integrated class-B output amplifier in a 13-lead single-in-line (SIL) plastic power package.
The device is primarily developed for car radio applications.
FEATURES
• Requires very few external components
• Flexibility in use  stereo as well as mono BTL
• High output power (without bootstrap)
• Low offset voltage at output (important for BTL)
• Fixed gain
• Good ripple rejection
• Mute/stand-by switch
• Load dump protection
• A.C. and d.c. short-circuit-safe to ground and V
P
• Thermally protected
• Reverse polarity safe
• Capability to handle high energy on outputs (V
P = 0 V)
• No switch-on/switch-off plop
• Flexible leads
• Low thermal resistance
• Identical inputs (inverting and non-inverting)
• Compatible with TDA1516BQ (except gain).
QUICK REFERENCE DATA
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage range
operating
VP
6,0
14,4
18,0
V
non-operating
VP
−−
30,0
V
load dump
VP
−−
45,0
V
Repetitive peak output
current
IORM
−−
4A
Total quiescent current
Itot
30
mA
Stand-by current
lsb
0,1
100
µA
Switch-on current
Isw
−−
40
µA
Input impedance
BTL
|ZI|25
−−
k
stereo
|ZI|50
−−
k
Stereo application
Output power
THD = 10%; 4
Po
6
W
THD = 10%; 2
Po
11
W
Channel separation
α
40
−−
dB
Noise output voltage
Vno(rms)
150
−µV
BTL application
Output power
THD = 10%, 4
Po
22
W
Supply voltage
RS = 0 Ω;
ripple rejection
f = 100 Hz to 10 kHz
RR
48
−−
dB
D.C. output offset voltage
|
∆V
O|
−−
250
mV




Html 페이지

1  2  3  4  5  6  7  8  9  10  11 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1516BQ24 W BTL or 2 x 12 watt stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA1515BQ24 W BTL or 2 x 12 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8566Q2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
TDA8566TH2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
ILA1519B2 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER 1 2 3 Integral Corp.
ILA1519B12 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER 1 2 3 Integral Corp.
TDA1519A22 W BTL or 2 x 11 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA1519B12 W BTL or 2 x 6 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl