전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1519B 데이터시트(Datasheet) 4 Page - NXP Semiconductors

부품명 TDA1519B
상세내용  12 W BTL or 2 x 6 W stereo car radio power amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 4 page
background image
May 1992
4
Philips Semiconductors
Product specification
12 W BTL or 2 x 6 W stereo car radio
power amplifier
TDA1519B
PINNING
FUNCTIONAL DESCRIPTION
The TDA1519B contains two identical amplifiers with differential input stages. The gain of each amplifier is fixed at
40 dB. A special feature of this device is the mute/stand-by switch which has the following features:
• Low stand-by current (< 100 µA)
• Low mute/stand-by switching current (low cost supply switch)
• Mute condition.
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
1
NINV
non-inverting input
2
GND1
ground (signal)
3
RR
supply voltage ripple rejection
4
OUT1
output 1
5
GND2
ground (substrate)
6
OUT2
output 2
7VP
positive supply voltage
8
M/SS
mute/stand-by switch
9
INV
inverting input
PARAMETER
CONDITIONS
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
operating
VP
18
V
non-operating
VP
30
V
load dump protected
during 50 ms;
tr ≥ 2.5 ms
VP
45
V
AC and DC short-circuit-safe
voltage
VPSC
18
V
Reverse polarity
VPR
6V
Energy handling capability
at outputs
VP = 0 V
200
mJ
Non-repetitive peak output current
IOSM
4A
Repetitive peak output current
IORM
2.5
A
Total power dissipation
see Fig.2
Ptot
15
W
Crystal temperature
Tc
150
°C
Storage temperature range
Tstg
−55
+150
°C




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1515BQ24 W BTL or 2 x 12 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8566Q2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
TDA1516BQ24 W BTL or 2 x 12 watt stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8566TH2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
TDA1518BQ24 W BTL or 2 x 12 watt stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA1519A22 W BTL or 2 x 11 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8560Q2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility 1 2 3 4 5 MoreNXP Semiconductors
TDA1552Q2 x 22 W BTL stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl