전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1519CSP 데이터시트(Datasheet) 16 Page - NXP Semiconductors

부품명 TDA1519CSP
상세내용  22WBTL or 2 x 11Wstereo power amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 16 page
background image
2000 Mar 08
16
Philips Semiconductors
Product specification
22 W BTL or 2
× 11 W stereo power
amplifier
TDA1519C
UNIT
A1
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-11-03
99-11-12
IEC
JEDEC
EIAJ
mm
0.3
0.1
3.6
0.35
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT397-1
0
5
10 mm
scale
HSOP20: plastic, heatsink small outline package; 20 leads
SOT397-1
A
max.
D
y
HE
A1 A4
A2
bp
(A3)
E
c
v M A
X
A
Lp
detail X
θ
A
Q
w M
Z
D1
D2
E2
E1
e
1
10
20
11
pin 1 index
A2
3.3
3.0
A4
0.1
0
D2
1.1
0.9
HE
14.5
13.9
Lp
1.1
0.8
Q
1.5
1.4
2.5
2.0
v
0.25
w
0.25
yZ
8
°
0
°
θ
0.1
D1
13.0
12.6
E1
6.2
5.8
E2
2.9
2.5
bp
c
0.32
0.23
e
1.27
D(1)
16.0
15.8
E(1)
11.1
10.9
0.53
0.40
A3




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
M68731LSILICON MOS FET POWER AMPLIFIER 135-155MHz 7W FM PORTABLE RADIO 1 2 3 Mitsubishi Electric Semiconductor
MAAP-007649-000100Ultra Linear 2W Power Amplifier 800 to 1000 MHz 1 2 3 4 5 MoreTyco Electronics
M68745LSILICON MOS FET POWER AMPLIFIER 806-870MHz 3.8W FM PORTABLE RADIO 1 2 3 Mitsubishi Electric Semiconductor
MAAPSS01073.6 V 0.5 W RF Power Amplifier IC for DECT 1800 - 2000 MHz 1 2 3 4 5 MoreTyco Electronics
MGF7169CUHF BAND GaAs POWER AMPLIFIER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LX1792Low Voltage Low Power AudioMite Class-D Audio Amplifier 1 2 3 4 5 MoreMicrosemi Corporation
KAC-749S4-Channel power amplifier 1 2 List of Unclassifed Manufacturers
HFA1145High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 Intersil Corporation
XD010-14S-D4F925-960 MHz Class A/AB 15W Power Amplifier Module 1 2 3 4 5 SIRENZA MICRODEVICES
HS-1115RHRadiation Hardened High Speed Low Power Output Limiting Closed-Loop-Buffer Amplifier 1 2 3 4 Intersil Corporation

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl