전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1521Q 데이터시트(Datasheet) 8 Page - NXP Semiconductors

부품명 TDA1521Q
상세내용  2 x 12 W hi-fi audio power amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 8 page
background image
July 1994
8
Philips Semiconductors
Product specification
2 x 12 W hi-fi audio power amplifier
TDA1521
TDA1521Q
APPLICATION INFORMATION
Input mute circuit
The input mute circuit operates only during switching on and off of the supply voltage. The circuit compares the 1/2 supply
voltage (at pin 3) with an internally fixed reference voltage (Vref), derived directly from the supply voltage. When the
voltage at pin 3 is lower than Vref the non-inverting inputs (pins 1 and 9) are disconnected from the amplifier. The voltage
at pin 3 is determined by an internal voltage divider and the external 100
µF capacitor.
During switching on, a time delay is created between the reference voltage and the voltage at pin 3, during which the
input terminal is disconnected, (as illustrated in Fig.3).
Fig.3 Input mute circuit; time delay.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA26136 W hi-fi audio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA26146 W hi-fi audio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA204020W Hi-Fi AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
TDA26152 x 6 W hi-fi audio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA205032W Hi-Fi AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
TDA205140W Hi-Fi AUDIO POWER AMPLIFIER 1 STMicroelectronics
TDA205260W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY 1 2 3 4 5 MoreSTMicroelectronics
TDA1521A2 x 6 W hi-fi audio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
YD100822W HI-FI AUDIO POWER AMPLIFIER 1 2 3 4 Wuxi Youda electronics Co.,LTD
TDA729828W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY 1 2 3 4 5 MoreSTMicroelectronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl