전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1523 데이터시트(Datasheet) 11 Page - NXP Semiconductors

부품명 TDA1523
상세내용  Stereo cassette head preamplifier and equalizer
PDF  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 11 page
background image
1996 Feb 26
11
Philips Semiconductors
Preliminary specification
Stereo cassette head
preamplifier and equalizer
TDA1523
Fig.10 Application for plop-free muting.
handbook, full pagewidth
MGC993
AMP 1
SUPPLY
&
MUTE
AMP 2
feedback 1
R fb1
feedback 2
R fb2
TDA1523
R L1
C c1
Vo1
R L2
4.7 k
10
µF
4.7 k
10
µF
C c2
Vo2
VP
8
7
4
14
6
5
3
2
1
C201
22 nF
R201
1N4148
R202
C101
22 nF
R101
1N4148
5.6 k
140 k
R102
8.2
5.6 k
140 k
8.2
68 k
68
k
C202
Vi1
Vi2
R
= 300
S1
L
= 80 mH
S1
R
= 300
S2
L
= 80 mH
S2
C102
220
µF
220
µF
2.2
µF
output 1
output 2
MUTE
SWITCH




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1522Stereo cassette head preamplifier and equalizer 1 2 3 4 5 MoreNXP Semiconductors
LA1832Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC AM/FM IF + MPX 1 2 3 4 5 MoreSanyo Semicon Device
M51162RECORDINGIPLAYBACK PREAMPLIFIER FOR STEREO CASSETTE TAPE RECORDER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
CXA1198APSTEREO CASSETTE DECK RECORDING EQUALIZER 1 2 3 4 5 MoreSony Corporation
AN7356NSCRecording and playback equalizer amp. IC for Hi-Fi cassette deck 1 2 3 4 5 MorePanasonic Semiconductor
CXA1398PRECORDING EQUALIZER IC FOR STEREO CASSETTE DECK 1 2 3 4 5 MoreSony Corporation
CXA1495PRECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS 1 2 3 4 5 MoreSony Corporation
AN7353SRecord Equalizer Amp. for Stereo Cassette Deck 1 2 3 Panasonic Semiconductor
LA3246Stereo Preamplifier for Compact Double Cassette Playback-only Use 1 2 3 4 5 MoreSanyo Semicon Device
CXA1578PRECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS 1 2 3 4 5 MoreSony Corporation

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl