전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVTH16240DGGRE4 데이터시트(PDF) 2 Page - Texas Instruments

부품명 74LVTH16240DGGRE4
상세설명  3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74LVTH16240DGGRE4 데이터시트(HTML) 2 Page - Texas Instruments

  74LVTH16240DGGRE4 Datasheet HTML 1Page - Texas Instruments 74LVTH16240DGGRE4 Datasheet HTML 2Page - Texas Instruments 74LVTH16240DGGRE4 Datasheet HTML 3Page - Texas Instruments 74LVTH16240DGGRE4 Datasheet HTML 4Page - Texas Instruments 74LVTH16240DGGRE4 Datasheet HTML 5Page - Texas Instruments 74LVTH16240DGGRE4 Datasheet HTML 6Page - Texas Instruments 74LVTH16240DGGRE4 Datasheet HTML 7Page - Texas Instruments 74LVTH16240DGGRE4 Datasheet HTML 8Page - Texas Instruments 74LVTH16240DGGRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
47
1A1
46
1A2
44
1A3
43
1A4
1Y1
2
1Y2
3
1Y3
5
1Y4
6
41
2A1
40
2A2
38
2A3
37
2A4
2Y1
8
2Y2
9
2Y3
11
2Y4
12
36
3A1
35
3A2
33
3A3
32
3A4
3Y1
13
3Y2
14
3Y3
16
3Y4
17
30
4A1
29
4A2
27
4A3
26
4A4
4Y1
19
4Y2
20
4Y3
22
4Y4
23
EN1
1
EN4
24
1OE
2OE
3OE
4OE
EN2
48
EN3
25
(1)
Thissymbolisinaccordancewith ANSI/IEEEStd91-1984andIECPublication617-12.
1
1
1
2
1
3
1
4
SN54LVTH16240
,, SN74LVTH16240
3.3-V ABT 16-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS684D – MARCH 1997 – REVISED DECEMBER 2006
The devices can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer. The devices provide
inverting outputs and symmetrical active-low output-enable (OE) inputs.
When VCC is between 0 and 1.5 V, the devices are in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 1.5 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
These devices are fully specified for hot-insertion applications using Ioff and power-up 3-state. The Ioff circuitry
disables the outputs, preventing damaging current backflow through the devices when they are powered down.
The power-up 3-state circuitry places the outputs in the high-impedance state during power up and power down,
which prevents driver conflict.
The SN54LVTH16240 is characterized for operation over the full military temperature range of –55
°C to 125°C.
The SN74LVTH16240 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each 4-bit buffer)
INPUTS
OUTPUTS
Y
OE
A
L
H
L
L
L
H
H
X
Z
LOGIC SYMBOL(1)
2
Submit Documentation Feedback


유사한 부품 번호 - 74LVTH16240DGGRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74LVTH16240DGGRE4 TI-74LVTH16240DGGRE4 Datasheet
186Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74LVTH16240DGGRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54LVT16244B TI-SN54LVT16244B_08 Datasheet
637Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162240 TI-SN54LVTH162240_06 Datasheet
137Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT16244B TI-SN54LVT16244B Datasheet
120Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16244A TI-SN54LVTH16244A Datasheet
110Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162241 TI1-SN54LVTH162241_08 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162541 TI-SN54LVTH162541 Datasheet
103Kb / 7P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16241 TI-SN54LVTH16241 Datasheet
125Kb / 9P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT162244A TI-SN54LVT162244A Datasheet
468Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT162244A TI-SN54LVT162244A_08 Datasheet
624Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162241 TI-SN54LVTH162241 Datasheet
114Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com