전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1524 데이터시트(Datasheet) 2 Page - NXP Semiconductors

부품명 TDA1524
상세내용  Stereo-tone/volume control circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 2 page
background image
September 1987
2
Philips Semiconductors
Product specification
Stereo-tone/volume control circuit
TDA1524A
GENERAL DESCRIPTION
The device is designed as an active stereo-tone/volume control for car radios, TV receivers and mains-fed equipment.
It includes functions for bass and treble control, volume control with built-in contour (can be switched off) and balance.
All these functions can be controlled by d.c. voltages or by single linear potentiometers.
Features
• Few external components necessary
• Low noise due to internal gain
• Bass emphasis can be increased by a double-pole low-pass filter
• Wide power supply voltage range.
QUICK REFERENCE DATA
PACKAGE OUTLINE
18-lead DIL; plastic (SOT102); SOT102-1; 1996 July 22.
Supply voltage (pin 3)
VP = V3-18
typ.
12
V
Supply current (pin 3)
IP = I3
typ.
35
mA
Maximum input signal with
d.c. feedback (r.m.s. value)
Vi(rms)
typ.
2,5
V
Maximum output signal with
d.c. feedback (r.m.s. value)
Vo(rms)
typ.
3
V
Volume control range
Gv
−80 to + 21,5
dB
Bass control range at 40 Hz
∆G
v
−19 to + 17
dB
Treble control range at 16 kHz
∆G
v
typ.
±15
dB
Total harmonic distortion
THD
typ.
0,3
%
Output noise voltage (unweighted; r.m.s. value)
at f = 20 Hz to 20 kHz; VP = 12 V;
for max. voltage gain
Vno(rms)
typ.
310
µV
for voltage gain Gv = −40 dB
Vno(rms)
typ.
100
µV
Channel separation
at Gv = −20 to + 21,5 dB
αcs
typ.
60
dB
Tracking between channels
at Gv = −20 to + 26 dB
∆Gv
max.
2,5
dB
Ripple rejection at 100 Hz
RR
typ.
50
dB
Supply voltage range (pin 3)
VP = V3-18
7,5 to 16,5
V
Operating ambient temperature range
Tamb
−30 to + 80
°C




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


데이터시트



관련 부품명

부품명상세내용Html View제조사
NE5562Switched-mode power supply control circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA2582Control circuit for power supplies 1 2 3 4 5 MoreNXP Semiconductors
TEA6324TSound control circuit 1 2 3 4 5 MoreNXP Semiconductors
UTCAN6651MOTOR SPEED CONTROL CIRCUIT 1 2 3 Unisonic Technologies
CS2842AOff-Line Current Mode PWM Control Circuit with Undervoltage Lockout 1 2 3 4 5 MoreCherry Semiconductor Corporation
CA1523Voltage Regulator Control Circuit for Variable Switching Regulator 1 2 3 4 5 MoreIntersil Corporation
TL5002PULSE-WIDTH-MODULATION CONTROL CIRCUIT 1 2 3 4 5 MoreTI store
STCC05-BHOME APPLIANCE CONTROL CIRCUIT 1 2 3 4 5 MoreSTMicroelectronics
UTC6650MOTOR SPEED CONTROL CIRCUIT 1 2 3 4 Linear Integrated Systems
TEA1088TSMPS battery charger control circuit 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl