전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1547 데이터시트(Datasheet) 9 Page - NXP Semiconductors

부품명 TDA1547
상세내용  Dual top-performance bitstream DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 9 page
background image
September 1991
9
Philips Semiconductors
Product specification
Dual top-performance bitstream DAC
TDA1547
CHARACTERISTICS
VDDD, VDDD L. R, VDDA = +5 V; VSSD, VSSA = −5 V, VSSD L. R = −3.5 V; Vref L. R = −4 V; Tamb = 25 °C; fCLK = 8.46 MHz;
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Supply
VSUB
negative substrate voltage; pin 32
note 1
−7.0
−−4.5
V
VDDD L. R
positive digital supply voltage for one
channel; pins 27 and 6
4.5
5.0
5.5
V
VDDD
digital supply voltage for both channels;
pin 2
4.5
5.0
5.5
V
VSSD L. R
negative digital supply voltage for one
channel; pins 26 and 7
−4.0
−3.5
−3.0
V
VSSD
negative digital supply voltage for both
channels; pin 31
−5.5
−5.0
−4.5
V
VDDA
positive analog supply voltage; pin 17
4.5
5.0
6.0
V
VSSA
negative analog supply voltage; pin 16
−6.0
−5.0
−4.5
V
VDDD L. R
VSSD L, R
supply voltage difference between
pins 27, 6 and pins 26, 7
−−
9.0
V
VSSD L. R - VSSD
supply voltage difference between pins
26, 7 and pin 31
1.3
−−
V
IDDD L. R
positive digital supply current for one
channel; pins 27 and 6
0.1
mA
IDDD
digital supply current for both channels;
pin 2
29.0
46
mA
ISSD L. R
negative digital supply current for one
channel; pins 26 and 7
−−0.1
mA
ISSD
negative supply current for both
channels; pin 31
−45
−28.0
mA
−IDDA
positive analog supply current; pin 17
51.0
63
mA
ISSA
negative analog supply current; pin 16
−63.0
−51.0
mA
PSSR1
power supply rejection ratio
VDDD L, R; note 6 50
−−
dB
PSSR2
power supply rejection ratio
VDDD; note 6
50
−−
dB
PSSR3
power supply rejection ratio
VSSD L, R; note 6 60
−−
dB
PSSR4
power supply rejection ratio
VSSD; note 6
50
−−
dB
PSSR5
power supply rejection ratio
VDDA; note 6
60
−−
dB
PSSR6
power supply rejection ratio
VSSA; note 6
60
−−
dB
Ptot
total power dissipation
800
mW
Clock - Input
VIL
input voltage LOW
−−
0.5
V
VIH
input voltage HIGH
4.5
−−
V
IIL
input current LOW
Vi = 0.5 V
−10
10
µA




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1305TStereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2 1 2 3 4 5 MoreNXP Semiconductors
NJU39610MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC 1 2 3 4 5 MoreNew Japan Radio
AD7729Dual Sigma-Delta ADC with Auxiliary DAC 1 2 3 4 5 MoreAnalog Devices
LTC1654Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package 1 2 3 4 5 MoreLinear Technology
MAX5820Dual 8-Bit Low-Power 2-Wire Serial Voltage-Output DAC 1 2 3 4 5 MoreMaxim Integrated Products
NJU39612MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC 1 2 3 4 5 MoreNew Japan Radio
TDA1541Dual 16-bit DAC 1 2 3 4 5 MoreNXP Semiconductors
WM2617Dual 10-Bit Serial DAC with Power Down 1 2 3 4 5 MoreWolfson Microelectronics plc
WM2618Dual 12-Bit Serial Input Voltage Output DAC 1 2 3 4 5 MoreWolfson Microelectronics plc
AD7537LC2MOS 8+4 Loading Dual 12-Bit DAC 1 2 3 4 5 MoreAnalog Devices

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl