전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1549T 데이터시트(Datasheet) 10 Page - NXP Semiconductors

부품명 TDA1549T
상세내용  Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 10 page
background image
August 1994
10
Philips Semiconductors
Objective specification
Stereo 4fs data input up-sampling filter with
bitstream continuous calibration DAC (BCC-DAC1)
TDA1549T
CHARACTERISTICS
VDDD =VDDA =VDDO =5V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDDD
digital supply voltage
note 1
3.8
5.0
5.5
V
VDDA
analog supply voltage
note 1
3.8
5.0
5.5
V
VDDO
operational amplifier supply voltage
note 1
3.8
5.0
5.5
V
IDDD
digital supply current
note 2
12
18
mA
IDDA
analog supply current
note 2
5.5
8
mA
IDDO
operational amplifier supply current
note 2
6.5
9
mA
Ptot
total power dissipation
note 2
120
185
mW
note 3
50
mW
RR
ripple rejection
note 4
25
dB
Digital inputs; pins WS, BCK and DATA
VIH
HIGH level input voltage
0.7VDD
VDD + 0.5 V
VIL
LOW level input voltage
−0.5
0.3VDD
V
|ILIH|
HIGH level input leakage current
VIH =VDDD =5V
−−
10
µA
|ILIL|
LOW level input leakage current
VIH =VSSD =0V
−−
10
µA
CI
input capacitance
−−
10
pF
Timing (see Fig.6)
OPERATING FREQUENCY
fBCK
bit clock frequency
192fs
Hz
fWS
word select frequency
fBCK/48
Hz
INPUT FREQUENCY
fBCK
clock frequency
−−
9.216
MHz
BR
bit rate data input
−−
9.216
MHz
fWS
word select input frequency
−−
192
kHz
tr
rise time
−−
32
ns
tf
fall time
−−
32
ns
Tcy
bit clock cycle time
108
−−
ns
tH
bit clock HIGH time
22
−−
ns
tL
bit clock LOW time
22
−−
ns
tsu
data set-up time
32
−−
ns
th
data hold time
2
−−
ns
thWS
word select hold time
2
−−
ns
tsuWS
word select set-up time
32
−−
ns
Filter characteristics (see Fig.3)
PBR
pass-band ripple
< 20 kHz
0.1
dB
SBA
stop-band attenuation
note 5
50
−−
dB




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1305TStereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2 1 2 3 4 5 MoreNXP Semiconductors
TDA1546TBitstream Continuous Calibration DAC with digital sound processing BCC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1311AStereo Continuous Calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1312AStereo continuous calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1313Stereo continuous calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1387TStereo Continuous Calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1545AStereo continuous calibration DAC 1 2 3 4 5 MoreNXP Semiconductors
TDA1548TBitstream continuous calibration filter-DAC with headphone driver and DSP 1 2 3 4 5 MoreNXP Semiconductors
PCM301024-BIT STEREO AUDIO CODEC WITH 96-kHz ADC 192-kHz DAC AND SINGLE-ENDED ANALOG INPUT/OUTPUT 1 2 3 4 5 MoreTI store
TDA1310AStereo Continuous Calibration DAC CC-DAC 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl