전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1551Q 데이터시트(Datasheet) 9 Page - NXP Semiconductors

부품명 TDA1551Q
상세내용  2 x 22 W BTL car radio power amplifier with diagnostic facility
PDF  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 9 page
background image
July 1994
9
Philips Semiconductors
Preliminary specification
2 x 22 W BTL car radio power amplifier
with diagnostic facility
TDA1551Q
Notes to the characteristics
1. The circuit is DC adjusted at VP = 6 V and AC operating at VP = 8 to 18 V.
2. At 18 V < VP < 30 V the DC output voltage < VP/2.
3. Frequency response externally fixed.
4. Ripple rejection measured at the output with a source impedance of 0
Ω and at frequency of 100 Hz to 10 kHz
(amplitude = 2 V(p-p)).
5. Noise voltage measured in a bandwidth of 20 Hz to 20 kHz.
6. Noise output voltage independent of RS (VI = 0 V).
7. Output power is measured directly at the output pins of the IC.
MUTE; notes 5 and 6
60
−µV
α
channel separation
RS = 10 kΩ
40
−−
dB
∆G
v
channel unbalance
−−
1dB
dynamic distortion detector
switch level
3.5
%
I2C-bus (see I2C-bus protocol)
VIH
input voltage HIGH
3
5.5
V
VIL
input voltage LOW
− 0.3
1.5
V
IIH
input current HIGH
V = 5.5 V
−10
10
µA
IIL
input current LOW
V = GND
−10
10
µA
VOL
output voltage LOW
IL = 3 mA
−−
0.4
V
Power-on reset (increasing supply voltage)
VP
start of reset
0.5
−−
V
end of reset
−−
5V
Standby (pin 9)
V9
input voltage HIGH
3
VP
V
input voltage LOW
−−
2V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA8560Q2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility 1 2 3 4 5 MoreNXP Semiconductors
TDA8563AQ2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility 1 2 3 4 5 MoreNXP Semiconductors
TDA8563Q2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility 1 2 3 4 5 MoreNXP Semiconductors
TDA8566Q2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
TDA8566TH2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
TDA739645W/2ohm BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY 1 2 3 4 5 MoreSTMicroelectronics
TDA8562Q4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface 1 2 3 4 5 MoreNXP Semiconductors
TDA1553CQ2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch 1 2 3 4 5 MoreNXP Semiconductors
TDA1553Q2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl