전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1556Q 데이터시트(Datasheet) 6 Page - NXP Semiconductors

부품명 TDA1556Q
상세내용  2 x 22 W stereo BTL differential amplifier with speaker protection and dynamic distortion detector
PDF  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

   
 6 page
background image
July 1994
6
Philips Semiconductors
Product specification
2 x 22 W stereo BTL differential amplifier
with speaker protection and dynamic
TDA1556Q
Notes to the characteristics
1. The circuit is DC adjusted at VP = 6 to 18 V and AC operating at VP = 8.5 to 18 V
2. At 18 V < VP < 30 V the DC output voltage ≤ VP/2
3. Conditions: V14 = 0 V; short circuit to ground; switch V14 to MUTE or ON condition, rise time at V14 = ≥ 10 µs
4. Frequency response externally fixed
5. Ripple rejection measured at the output with a source-impedance of 0
Ω (maximum ripple amplitude of 2 V) and a
frequency between 100 Hz and 10 kHz
6. Mismatching is given by the following equation:
7. Noise measured in a bandwidth of 20 Hz to 20 kHz
8. Noise output voltage independent of RS (VI = 0 V)
9. Common mode rejection ratio measured at the output with both inputs tied together. VI(RMS) < 3.5 V;
f = 100 Hz - 10 kHz
MUTE CONDITION
Vmute
mute voltage
3.3
6.4
V
VO
output signal in mute position
VI max = 1 V; f = 1 kHz
−−
2mV
Vos
DC output offset voltage
−−
100
mV
STANDBY CONDITION
Vsb
stand-by voltage
0
2V
Isb
DC standby current
V14 < 0.5 V
−−
100
µA
0.5 V
≤ V14 ≤ 2.0 V
−−
500
µA
Isw
switch-on current
25
60
µA
IPSC
supply current
short-circuit to ground;
note 3
10
-
mA
Loudspeaker protection
∆V
6-8, 10-12
DC voltage across RL
−−
1.0
V
td
delay time
0.5
s
Protection active (
∆V4-6 or ∆V7-9≤ 1.0 V
I15
current information
25
−µA
V15
voltage information
3.6
−−
V
Protection inactive (
∆V6-8 and ∆V10-12≤ 0.1 V)
V15
voltage information
−−
0.3
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Z
i
Z
i1
Z
i2
Z
i1
---------------------
100
°°⁄
×
=
Z
i
Z
i3
Z
i4
Z
i3
---------------------
100
°°⁄
×
=




Html 페이지

1  2  3  4  5  6  7  8  9  10 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA8566Q2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
TDA8566TH2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
LM48691.9W Differential Input BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown 1 2 3 4 5 MoreNational Semiconductor (TI)
TDA8562Q4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface 1 2 3 4 5 MoreNXP Semiconductors
LM48742.1W Differential Input BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown 1 2 3 4 5 MoreNational Semiconductor (TI)
TDA1553CQ2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch 1 2 3 4 5 MoreNXP Semiconductors
LM48842.1W Differential Input BTL Output Stereo Audio Amplifier with RF Suppression and Shutdown 1 2 3 4 5 MoreNational Semiconductor (TI)
PCM379316-Bit Low-Power Stereo Audio CODEC With Microphone Bias Headphone and Digital Speaker Amplifier 1 2 3 4 5 MoreBurr-Brown (TI)
TS4851MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL 1 2 3 4 5 MoreSTMicroelectronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl