전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1558Q 데이터시트(Datasheet) 8 Page - NXP Semiconductors

부품명 TDA1558Q
상세내용  2 x 22 W or 4 x 11 W single-ended car radio power amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 8 page
background image
May 1992
8
Philips Semiconductors
Product specification
2 x 22 W or 4 x 11 W single-ended car
radio power amplifier
TDA1558Q
Fig.4 Stereo BTL application.
handbook, full pagewidth
input 1
6
8
R = 4
L
60 k
220 nF
1
input 3
12
10
R = 4
L
60 k
220 nF
reference
voltage
100 nF
2200
µF
+ V
711
power ground
(substrate)
ground
(signal)
3
14
5
13
mute / stand-by
switch
TDA1558Q
MCD327 - 1
9
not
connected
2
16
input 4
input 2
17
4
60 k
60 k
15
P
V
P
1
2




Html 페이지

1  2  3  4  5  6  7  8  9  10  11 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA8561Q2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8562Q4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface 1 2 3 4 5 MoreNXP Semiconductors
TDA8564Q2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8565Q4 x 12 W single-ended car radio power amplifier with diagnostic interface 1 2 3 4 5 MoreNXP Semiconductors
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
TDA1515BQ24 W BTL or 2 x 12 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8566Q2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
LA4425A5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo 1 2 3 4 5 MoreSanyo Semicon Device
TDA1516BQ24 W BTL or 2 x 12 watt stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8566TH2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl