전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1558 데이터시트(Datasheet) 4 Page - NXP Semiconductors

부품명 TDA1558
상세내용  2 x 22 W or 4 x 11 W single-ended car radio power amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 4 page
background image
May 1992
4
Philips Semiconductors
Product specification
2 x 22 W or 4 x 11 W single-ended car
radio power amplifier
TDA1558Q
PINNING
SYMBOL
PIN
DESCRIPTION
−INV1
1
non-inverting input 1
INV2
2
inverting input 2
GND
3
ground (signal)
SVRR
4
supply voltage ripple rejection
VP1
5
supply voltage
OUT1
6
output 1
GND1
7
power ground 1
OUT2
8
output 2
n.c.
9
not connected
OUT4
10
output 4
GND2
11
power ground 2
OUT3
12
output 3
VP2
13
supply voltage
M/SS
14
mute/stand-by switch
Vref
15
internal reference voltage
INV3
16
inverting input 3
−INV4
17
non-inverting input 4
Fig.2 Pin configuration.
handbook, halfpage
MCD325 - 1
TDA1558Q
SVRR
P1
V
OUT1
GND1
OUT2
OUT4
OUT3
INV3
GND2
M / SS
ref
V
P2
V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
n.c.
INV2
GND
– INV1
– INV4
FUNCTIONAL DESCRIPTION
The TDA1558Q contains four identical amplifiers with
differential input stages (two inverting and two
non-inverting), and can be used for single-ended or BTL
applications. The gain of each amplifier is fixed at 40 dB
(46 dB in BTL). Special features of this device are:
a. mute/stand-by switch
low stand-by current (< 100
µA)
low mute/stand-by switching current (low cost supply
switch)
mute facility.
b. the harmonic distortion at low frequencies can be
decreased by connecting two diodes at pin 15 to ground or
a zener diode of 1.5 V.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA8561Q2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8562Q4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface 1 2 3 4 5 MoreNXP Semiconductors
TDA8564Q2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8565Q4 x 12 W single-ended car radio power amplifier with diagnostic interface 1 2 3 4 5 MoreNXP Semiconductors
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
TDA1515BQ24 W BTL or 2 x 12 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8566Q2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
LA4425A5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo 1 2 3 4 5 MoreSanyo Semicon Device
TDA1516BQ24 W BTL or 2 x 12 watt stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8566TH2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl