전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1560 데이터시트(Datasheet) 3 Page - NXP Semiconductors

부품명 TDA1560
상세내용  40 W car radio high power amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 3 page
background image
1996 May 14
3
Philips Semiconductors
Product specification
40 W car radio high power amplifier
TDA1560Q
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
SUPPLY
SUPPLY
TEMPERATURE
SENSOR
INPUT AND
FEEDBACK
CIRCUIT
13
10
C1
C1n
INPp
INPn
Vref
CDEC
C1p
VP
9
MCD334 - 1
voltage
reference
POWER
STAGE
POWER
STAGE
58
C2
7
11
15
16
150
k
150
k
1
2
4
15 k
10 k
17
S1
MODE
GND
GND
GND
disable
disable
VP
VP
12
6
TDA1560Q
LOAD DUMP
TEMPERATURE
AND CURRENT
PROTECTION
3
14
C2n
C2p
OUT2p
OUT1n
VDIAG




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1561Q2 x 23 W high efficiency car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA1565THHigh efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA1563Q2 x 25 W high efficiency car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA1564High efficiency 2 X 25 W/4 stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
TDA1515BQ24 W BTL or 2 x 12 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8566Q2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
LA4425A5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo 1 2 3 4 5 MoreSanyo Semicon Device
TDA1516BQ24 W BTL or 2 x 12 watt stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8566TH2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl