전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1562 데이터시트(Datasheet) 10 Page - NXP Semiconductors

부품명 TDA1562
상세내용  70 W high efficiency power amplifier with diagnostic facility
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 10 page
background image
1998 Apr 07
10
Philips Semiconductors
Preliminary specification
70 W high efficiency power amplifier
with diagnostic facility
TDA1562Q
PIN STAT AS OUTPUT
Ist(mute)
mute acknowledge sink current
2.2
−−
mA
Vst(mute)
mute acknowledge output voltage
Ist = 2.2 mA
−−
0.5
V
Ist(clB)
class B operation output current
15
−−
µA
Vst(clB)
class B operation output voltage
IIst =15 µAI
2.0
3.0
V
Ist(clH)
class H operation source current
−140
−−
µA
Vst(clH)
class H operation output voltage
Ist = −140 µAVP − 2.5 −−
V
Tc(th)
threshold case temperature sensor
120
−°C
Diagnostic output DIAG (pin 8)
VDIAG
output voltage
active LOW
−−
0.6
V
RL
load resistance for open load
detection
100
−−
Tj(th)
threshold junction temperature
sensor
145
−°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA8560Q2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility 1 2 3 4 5 MoreNXP Semiconductors
TDA1551Q2 x 22 W BTL car radio power amplifier with diagnostic facility 1 2 3 4 5 MoreNXP Semiconductors
TDA8563AQ2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility 1 2 3 4 5 MoreNXP Semiconductors
TDA8563Q2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility 1 2 3 4 5 MoreNXP Semiconductors
HFA1145High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 Intersil Corporation
TDA8566Q2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
RF2119HIGH EFFICIENCY 2V POWER AMPLIFIER 1 2 3 4 5 MoreRF Micro Devices
TLE52502.5-A High Performance Smart Power Stepper-Motor Driver with Diagnostic Interface 1 2 3 4 5 MoreSiemens Semiconductor Group
A6250High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring 1 2 3 4 5 MoreEM Microelectronic - MARIN SA
TDA8566TH2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl