전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1563Q 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 TDA1563Q
상세설명  2 x 25 W high efficiency car radio power amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1563Q 데이터시트(HTML) 4 Page - NXP Semiconductors

  TDA1563Q Datasheet HTML 1Page - NXP Semiconductors TDA1563Q Datasheet HTML 2Page - NXP Semiconductors TDA1563Q Datasheet HTML 3Page - NXP Semiconductors TDA1563Q Datasheet HTML 4Page - NXP Semiconductors TDA1563Q Datasheet HTML 5Page - NXP Semiconductors TDA1563Q Datasheet HTML 6Page - NXP Semiconductors TDA1563Q Datasheet HTML 7Page - NXP Semiconductors TDA1563Q Datasheet HTML 8Page - NXP Semiconductors TDA1563Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
2000 Feb 09
4
Philips Semiconductors
Product specification
2
× 25 W high efficiency car radio power
amplifier
TDA1563Q
PINNING
SYMBOL
PIN
DESCRIPTION
IN1+
1
non-inverting input 1
IN1
2
inverting input 1
CIN
3
common input
CSE
4
electrolytic capacitor for SE mode
VP1
5
supply voltage 1
MODE
6
mute/standby/operating
OUT1
7
inverting output 1
OUT1+
8
non-inverting output 1
GND
9
ground
OUT2
10
inverting output 2
OUT2+
11
non-inverting output 2
SC
12
selectable clip
VP2
13
supply voltage 2
DIAG
14
diagnostic: protection/temperature
CLIP
15
diagnostic: clip detection
IN2
16
inverting input 2
IN2+
17
non-inverting input 2
handbook, halfpage
TDA1563Q
MGR174
IN1
+
IN1
CIN
CSE
VP1
MODE
OUT1
OUT1
+
GND
OUT2
OUT2
+
SC
VP2
DIAG
CLIP
IN2
IN2
+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Fig.2 Pin configuration.


유사한 부품 번호 - TDA1563Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1560 PHILIPS-TDA1560 Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
TDA1560Q PHILIPS-TDA1560Q Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
TDA1561 PHILIPS-TDA1561 Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1562 PHILIPS-TDA1562 Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
More results

유사한 설명 - TDA1563Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1564 PHILIPS-TDA1564 Datasheet
224Kb / 30P
   High efficiency 2 X 25 W/4 stereo car radio power amplifier
2004 Jan 27
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
TDA1519 PHILIPS-TDA1519 Datasheet
84Kb / 10P
   2 x 6 W stereo car radio power amplifier
May 1992
logo
STMicroelectronics
TDA7376PD STMICROELECTRONICS-TDA7376PD_09 Datasheet
293Kb / 14P
   2 x 35 W power amplifier for car radio
logo
NXP Semiconductors
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com