전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1563Q 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 TDA1563Q
상세설명  2 x 25 W high efficiency car radio power amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1563Q 데이터시트(HTML) 2 Page - NXP Semiconductors

  TDA1563Q Datasheet HTML 1Page - NXP Semiconductors TDA1563Q Datasheet HTML 2Page - NXP Semiconductors TDA1563Q Datasheet HTML 3Page - NXP Semiconductors TDA1563Q Datasheet HTML 4Page - NXP Semiconductors TDA1563Q Datasheet HTML 5Page - NXP Semiconductors TDA1563Q Datasheet HTML 6Page - NXP Semiconductors TDA1563Q Datasheet HTML 7Page - NXP Semiconductors TDA1563Q Datasheet HTML 8Page - NXP Semiconductors TDA1563Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2000 Feb 09
2
Philips Semiconductors
Product specification
2
× 25 W high efficiency car radio power
amplifier
TDA1563Q
FEATURES
• Low dissipation due to switching from Single-Ended
(SE) to Bridge-Tied Load (BTL) mode
• Differential inputs with high Common Mode Rejection
Ratio (CMRR)
• Mute/standby/operating (mode select pin)
• Zero crossing mute circuit
• Load dump protection circuit
• Short-circuit safe to ground, to supply voltage and
across load
• Loudspeaker protection circuit
• Device switches to SE operation at excessive junction
temperatures
• Thermal protection at high junction temperature (170°C)
• Diagnostic information (clip detection and
protection/temperature)
• Clipping information can be selected between
THD = 2.5% or 10%
GENERAL DESCRIPTION
The TDA1563Q is a monolithic power amplifier in a
17-lead DIL-bent-SIL plastic power package. It contains
two identical 25 W amplifiers. The dissipation is minimized
by switching from SE to BTL mode when a higher output
voltage swing is needed. The device is primarily
developed for car radio applications.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
DC biased
6
14.4
18
V
non-operating
−−
30
V
load dump
−−
45
V
IORM
repetitive peak output current
−−
4A
Iq(tot)
total quiescent current
RL = ∞−
95
150
mA
Istb
standby current
150
µA
Z
i
input impedance
90
120
150
k
Po
output power
RL =4 Ω; EIAJ
38
W
RL =4 Ω; THD = 10%
23
25
W
Vselclip
RL =4 Ω; THD = 2.5%
18
20
W
Gv
closed loop voltage gain
25
26
27
dB
CMRR
common mode rejection ratio
f = 1 kHz; Rs =0 Ω−
80
dB
SVRR
supply voltage ripple rejection
f = 1 kHz; Rs =0 Ω
45
65
dB
∆V
O
DC output offset voltage
−−
100
mV
α
cs
channel separation
Rs =0 Ω
40
70
dB
∆G
v
channel unbalance
−−
1dB
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1563Q
DBS17P
plastic DIL-bent-SIL power package; 17 leads (lead length 12 mm)
SOT243-1


유사한 부품 번호 - TDA1563Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1560 PHILIPS-TDA1560 Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
TDA1560Q PHILIPS-TDA1560Q Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
TDA1561 PHILIPS-TDA1561 Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1562 PHILIPS-TDA1562 Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
More results

유사한 설명 - TDA1563Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1564 PHILIPS-TDA1564 Datasheet
224Kb / 30P
   High efficiency 2 X 25 W/4 stereo car radio power amplifier
2004 Jan 27
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
TDA1519 PHILIPS-TDA1519 Datasheet
84Kb / 10P
   2 x 6 W stereo car radio power amplifier
May 1992
logo
STMicroelectronics
TDA7376PD STMICROELECTRONICS-TDA7376PD_09 Datasheet
293Kb / 14P
   2 x 35 W power amplifier for car radio
logo
NXP Semiconductors
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com