전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1563 데이터시트(Datasheet) 3 Page - NXP Semiconductors

부품명 TDA1563
상세내용  2 x 25 W high efficiency car radio power amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 3 page
background image
2000 Feb 09
3
Philips Semiconductors
Product specification
2
× 25 W high efficiency car radio power
amplifier
TDA1563Q
BLOCK DIAGRAM
handbook, full pagewidth
MGR173
+
+
+
+
MUTE
VI
VI
VI
IV
IV
VI
SLAVE
CONTROL
17
16
IN2
+
3
CIN
IN2
60
k
60
k
60
k
60
k
25 k
Vref
OUT2
OUT2
+
10
11
CSE
4
+
+
+
+
MUTE
SLAVE
CONTROL
1
2
IN1
+
IN1
OUT1
+
OUT1
8
7
+
VP
STANDBY
LOGIC
CLIP AND
DIAGNOSTIC
612
14
15
MODE
SC
DIAG
CLIP
GND
9
VP2
13
VP1
5
TDA1563Q
Fig.1 Block diagram.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1565THHigh efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA1561Q2 x 23 W high efficiency car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA1564High efficiency 2 X 25 W/4 stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA1560Q40 W car radio high power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA74544 x 35W HIGH EFFICIENCY QUAD BRIDGE CAR RADIO AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
TDA1515BQ24 W BTL or 2 x 12 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8566Q2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
RF2119HIGH EFFICIENCY 2V POWER AMPLIFIER 1 2 3 4 5 MoreRF Micro Devices
LA4425A5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo 1 2 3 4 5 MoreSanyo Semicon Device

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl