전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1572T 데이터시트(Datasheet) 7 Page - NXP Semiconductors

부품명 TDA1572T
상세내용  AM receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 7 page
background image
May 1992
7
Philips Semiconductors
Product specification
AM receiver
TDA1572T
CHARACTERISTICS
VP = V17-20 = 8.5 V; Tamb = 25 °C; fi = 1 MHz; fm = 400 Hz; m = 30%; fIF = 460 kHz; measured in test circuit of Fig.1; all
voltages referenced to ground; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Supply
VP
Supply voltage (pin 17)
7.5
8.5
14.0
V
IP
Supply current (pin 17)
15
25
28
mA
RF stage and mixer (pins 18 and 19)
VI
DC input voltage
VP/2
V
Zi
RF input impedance at VI < 300 µV (rms)
5.5
k
Ci
RF input capacitance
25
pF
Zi
RF input impedance at VI > 10 mV (rms)
8
k
Ci
RF input capacitance
22
pF
Zo
IF output impedance (pin 1)
200
−−
k
Co
IF output capacitance
6
pF
Conversion transconductance
I1/Vi
before start of AGC
6.5
mA/V
Maximum IF output voltage, inductive
V1-17(p-p)
coupling to pin 1 (peak-to-peak value)
5
V
DC value of output current;
IO
at VI = 0 V (pin 1)
1.2
mA
AGC range of input stage
30
dB
RF signal handling capability
Input voltage (RMS value)
Vi(rms)
for THD = 3% at m = 80%
500
mV




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TSOP21IR Receiver Modules for Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
UPD4721RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 1 2 3 4 5 MoreNEC
DS14C241Single Supply TIA/EIA-232 4 x 5 Driver/Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS78C20Dual CMOS Compatible Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV012A3V LVDS Single CMOS Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
PC16552DDual Universal Asynchronous Receiver/Transmitter with FIFOs 1 2 3 4 5 MoreNational Semiconductor (TI)
MC10216High Speed Triple Line Receiver 1 2 3 4 5 ON Semiconductor
MC74HCT541AOctal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs 1 2 3 4 5 MoreON Semiconductor
SC26C94Quad universal asynchronous receiver/transmitter QUART 1 2 3 4 5 MoreNXP Semiconductors
TDA1072ATAM receiver circuit 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl