전자부품 데이터시트 검색엔진 |
|
TDA1572T 데이터시트(PDF) 10 Page - NXP Semiconductors |
|
TDA1572T 데이터시트(HTML) 10 Page - NXP Semiconductors |
10 / 20 page May 1992 10 Philips Semiconductors Product specification AM receiver TDA1572T OPERATING CHARACTERISTICS VP = 8.5 V; fi = 1 MHz; m = 30%; fm = 400 Hz; Tamb = 25 °C; measured in Fig.1; unless otherwise specified SYMBOL PARAMETER MIN. TYP. MAX. UNIT RF sensitivity RF input voltage (RMS value) ViRF(rms) for (S + N)/N = 6 dB − 1.5 −µV ViRF(rms) for (S + N)/N = 26 dB − 15 −µV ViRF(rms) for (S + N)/N = 46 dB − 150 −µV ViRF(rms) at start of AGC − 30 −µV RF large signal handling RF input voltage (RMS value) ViRF(rms) at THD = 3%; m = 80% − 500 − mV ViRF(rms) at THD = 3%; m = 30% − 700 − mV ViRF(rms) at THD = 10%; m = 30% − 900 − mV AGC range Change of Vi for 1 dB change ∆Vi of VoAF; Vi(ref) = 500 mV(rms) − 86 − dB Change of Vi for 6 dB change ∆Vi of VoAF; Vi(ref) = 500 mV(rms) − 91 − dB Output signal (RMS value) VoIF(rms) IF output voltage at Vi = 2 mV(rms) 180 230 290 mV AF output voltage VoAF(rms) at Vi = 4 µV(rms); m = 80% − 130 − mV VoAF(rms) at Vi = 2 mV(rms) 240 310 390 mV Total harmonic distortion THD at Vi = 2 mV(rms); m = 30% − 0.5 − % THD at Vi = 2 mV(rms); m = 80% − 1.0 − % THD at Vi = 500 mV(rms); m = 30% − 1.0 − % (S + N)/N Signal-to-noise ratio at Vi = 100 mV(rms) − 58 − dB Supply voltage ripple rejection at Vi = 2 mV(rms) VP = 100 mV(rms); fp = 100 Hz SVRR (SVRR = 20 log [VP/VoAF]) − 38 − dB SVRR (a) additional AF signal at IF output − 0(1) − dB SVRR (b) add modulation at IF output (mref = 30%) − 40 − dB |
유사한 부품 번호 - TDA1572T |
|
유사한 설명 - TDA1572T |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |