전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1574 데이터시트(Datasheet) 5 Page - NXP Semiconductors

부품명 TDA1574
상세내용  Integrated FM tuner for radio receivers
PDF  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 5 page
background image
February 1985
5
Philips Semiconductors
Product specification
Integrated FM tuner for radio receivers
TDA1574
CHARACTERISTICS
VP = V15-4 = 8,5 V; Tamb = 25 °C; measured in test circuit Fig.1; unless otherwise specified
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply (pin 15)
Supply voltage
VP = V15-4
7
16
V
Supply current (except mixer)
IP = I15
16
23
30
mA
Reference voltage (pin 5)
V5-4
3,9
4,1
4,4
V
Mixer
D.C. characteristics
Input bias voltage (pins 1 and 2)
V1,2-4
1
V
Output voltage (pins 16 and 17)
V16,17-4
4
35
V
Output current (pin 16
+ pin 17)
I16 + I17
4,0
mA
A.C. characteristics (fi = 98 MHz)
Noise figure
NF
9
dB
Noise figure including transforming network
NF
11
dB
3rd order intercept point
EMF1IP3
115
dB
µV
Conversion power gain
GP
14
dB
Input resistance (pins 1 and 2)
R1,2-4
14
−Ω
Output capacitance (pins 16 and 17)
C16,17
13
pF
Oscillator
D.C. characteristics
Input voltage (pins 7 and 8)
V7,8-4
1,3
V
Output voltage (pin 6)
V6-4
2
V
A.C. characteristics (fosc = 108,7 MHz)
Residual FM (Bandwidth 300 Hz to 15 kHz);
de-emphasis = 50
µs
∆f
2,2
Hz
10
4V
Mout
() 107MHz
,
()
EMF1 98 MHz
()
2
----------------------------------------------------------
2
R
S1
R
ML
-----------
×
log




Html 페이지

1  2  3  4  5  6  7  8  9  10  11 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1574TIntegrated FM tuner for radio receivers 1 2 3 4 5 MoreNXP Semiconductors
TDA1701INTEGRATED CIRCUITS FOR TV AND RADIO RECEIVERS 1 List of Unclassifed Manufacturers
NTE1290Integrated Circuit AM Tuner for Car Radio 1 2 NTE Electronics
NTE1170Integrated Circuit Dual Preamp for Car Radio 1 2 NTE Electronics
TDA1593IF amplifier/demodulator for FM car radio receivers 1 2 3 4 5 MoreNXP Semiconductors
LA1823Single-Chip Tuner IC for Use in Radio Cassette Recorder 1 2 3 4 5 MoreSanyo Semicon Device
UPC574MONOLITHIC BIPOLAR INTEGRATED CIRCUIT VOLTAGE STABILIZER FOR ELECTRONIC TUNER 1 2 3 4 5 MoreNEC
AN7223AM Tuner FM/AM IF Amplifier Circuit for Radio Cassette Recorder 1 2 3 Panasonic Semiconductor
SI4700Broadcast FM Radio Tuner for Portable Applications 1 2 Silicon Laboratories
KIA6035PBIPOLAR LINEAR INTEGRATED CIRCUIT AM TUNER SYSTEM FOR CAR AUDIO 1 2 3 4 5 MoreKEC(Korea Electronics)

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl