전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1574 데이터시트(Datasheet) 6 Page - NXP Semiconductors

부품명 TDA1574
상세내용  Integrated FM tuner for radio receivers
PDF  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 6 page
background image
February 1985
6
Philips Semiconductors
Product specification
Integrated FM tuner for radio receivers
TDA1574
Linear i.f. amplifier
D.C. characteristics
Input bias voltage (pin 13)
V13-4
1,2
V
Output voltage (pin 10)
V10-4
4,5
V
A.C. characteristics (fi = 10,7 MHz)
Input impedance
R14-13
240
300
360
C14-13
13
pF
Output impedance
R10-4
240
300
360
C10-4
3
pF
Voltage gain
GVIF
27
30
dB
Tamb = −40 to + 85 °C
∆G
VIF
0
dB
1 dB compression point (r.m.s. value)
at VP = 8,5 V
V10-4rms
750
mV
at VP = 7,5 V
V10-4rms
550
mV
Noise figure
at RS = 300 Ω
NF
6,5
dB
Keyed a.g.c.
D.C. characteristics
Output voltage range (pin 18)
V18-4
0,5
VP-0,3
V
A.G.C. output current
at I3 = φ or
V12-4 = 450 mV; V18-4 = VP/2
−I
18
25
50
100
µA
at V3-4 = 2 V and
V12-4 = 1 V; V18-4 = V15-4
I18
2
5mA
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
20
V
10
4
V
14
13
------------------
log




Html 페이지

1  2  3  4  5  6  7  8  9  10  11 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1574TIntegrated FM tuner for radio receivers 1 2 3 4 5 MoreNXP Semiconductors
TDA1701INTEGRATED CIRCUITS FOR TV AND RADIO RECEIVERS 1 List of Unclassifed Manufacturers
NTE1290Integrated Circuit AM Tuner for Car Radio 1 2 NTE Electronics
NTE1170Integrated Circuit Dual Preamp for Car Radio 1 2 NTE Electronics
TDA1593IF amplifier/demodulator for FM car radio receivers 1 2 3 4 5 MoreNXP Semiconductors
LA1823Single-Chip Tuner IC for Use in Radio Cassette Recorder 1 2 3 4 5 MoreSanyo Semicon Device
UPC574MONOLITHIC BIPOLAR INTEGRATED CIRCUIT VOLTAGE STABILIZER FOR ELECTRONIC TUNER 1 2 3 4 5 MoreNEC
AN7223AM Tuner FM/AM IF Amplifier Circuit for Radio Cassette Recorder 1 2 3 Panasonic Semiconductor
SI4700Broadcast FM Radio Tuner for Portable Applications 1 2 Silicon Laboratories
KIA6035PBIPOLAR LINEAR INTEGRATED CIRCUIT AM TUNER SYSTEM FOR CAR AUDIO 1 2 3 4 5 MoreKEC(Korea Electronics)

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl