전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1574T 데이터시트(Datasheet) 9 Page - NXP Semiconductors

부품명 TDA1574T
상세내용  Integrated FM tuner for radio receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 9 page
background image
August 1990
9
Philips Semiconductors
Product specification
Integrated FM tuner for radio receivers
TDA1574T
Fig.3
Keyed AGC output voltage V20 as a function
of RMS input voltage V3. Measured in test
circuit Fig.1 at V14 = 0.7 V; I20 = 0.
Fig.4
Keyed AGC output voltage V20 as a function
of input voltage V14. Measured in test circuit
Fig.1 at V3 = 2 V; I20 = 0.
Fig.5
Keyed AGC output current I20 as a function
of RMS input voltage V3. Measured in test
circuit Fig.1 at V14 = 0.7 V; V20 = 8.5 V.
Fig.6
Keyed AGC output voltage I20 as a function
of input voltage V14. Measured in test circuit
Fig.1 at V3 = 2 V; V20 = 8.5 V.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1574Integrated FM tuner for radio receivers 1 2 3 4 5 MoreNXP Semiconductors
TDA1701INTEGRATED CIRCUITS FOR TV AND RADIO RECEIVERS 1 List of Unclassifed Manufacturers
NTE1290Integrated Circuit AM Tuner for Car Radio 1 2 NTE Electronics
NTE1170Integrated Circuit Dual Preamp for Car Radio 1 2 NTE Electronics
TDA1593IF amplifier/demodulator for FM car radio receivers 1 2 3 4 5 MoreNXP Semiconductors
LA1823Single-Chip Tuner IC for Use in Radio Cassette Recorder 1 2 3 4 5 MoreSanyo Semicon Device
UPC574MONOLITHIC BIPOLAR INTEGRATED CIRCUIT VOLTAGE STABILIZER FOR ELECTRONIC TUNER 1 2 3 4 5 MoreNEC
AN7223AM Tuner FM/AM IF Amplifier Circuit for Radio Cassette Recorder 1 2 3 Panasonic Semiconductor
SI4700Broadcast FM Radio Tuner for Portable Applications 1 2 Silicon Laboratories
KIA6035PBIPOLAR LINEAR INTEGRATED CIRCUIT AM TUNER SYSTEM FOR CAR AUDIO 1 2 3 4 5 MoreKEC(Korea Electronics)

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl