전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1574T 데이터시트(Datasheet) 11 Page - NXP Semiconductors

부품명 TDA1574T
상세내용  Integrated FM tuner for radio receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 11 page
background image
August 1990
11
Philips Semiconductors
Product specification
Integrated FM tuner for radio receivers
TDA1574T
PACKAGE OUTLINE
UNIT
A
max.
A1
A2
A3
bp
cD
(1)
E
(1)
(1)
eHE
LLp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
2.65
0.30
0.10
2.45
2.25
0.49
0.36
0.32
0.23
13.0
12.6
7.6
7.4
1.27
10.65
10.00
1.1
1.0
0.9
0.4
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
1.1
0.4
SOT163-1
10
20
w M
b p
detail X
Z
e
11
1
D
y
0.25
075E04
MS-013AC
pin 1 index
0.10
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.51
0.49
0.30
0.29
0.050
1.4
0.055
0.419
0.394
0.043
0.039
0.035
0.016
0.01
0.25
0.01
0.004
0.043
0.016
0.01
0
5
10 mm
scale
X
θ
A
A1
A2
HE
L p
Q
E
c
L
v M A
(A )
3
A
SO20: plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
95-01-24
97-05-22




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1574Integrated FM tuner for radio receivers 1 2 3 4 5 MoreNXP Semiconductors
TDA1701INTEGRATED CIRCUITS FOR TV AND RADIO RECEIVERS 1 List of Unclassifed Manufacturers
NTE1290Integrated Circuit AM Tuner for Car Radio 1 2 NTE Electronics
NTE1170Integrated Circuit Dual Preamp for Car Radio 1 2 NTE Electronics
TDA1593IF amplifier/demodulator for FM car radio receivers 1 2 3 4 5 MoreNXP Semiconductors
LA1823Single-Chip Tuner IC for Use in Radio Cassette Recorder 1 2 3 4 5 MoreSanyo Semicon Device
UPC574MONOLITHIC BIPOLAR INTEGRATED CIRCUIT VOLTAGE STABILIZER FOR ELECTRONIC TUNER 1 2 3 4 5 MoreNEC
AN7223AM Tuner FM/AM IF Amplifier Circuit for Radio Cassette Recorder 1 2 3 Panasonic Semiconductor
SI4700Broadcast FM Radio Tuner for Portable Applications 1 2 Silicon Laboratories
KIA6035PBIPOLAR LINEAR INTEGRATED CIRCUIT AM TUNER SYSTEM FOR CAR AUDIO 1 2 3 4 5 MoreKEC(Korea Electronics)

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl