전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N04L1630C2B 데이터시트(PDF) 6 Page - AMI SEMICONDUCTOR

부품명 N04L1630C2B
상세설명  4Mb Ultra-Low Power Asynchronous CMOS SRAMs 256K 횞 16 bit POWER SAVER TECHNOLOGY TM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMI [AMI SEMICONDUCTOR]
홈페이지  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

N04L1630C2B 데이터시트(HTML) 6 Page - AMI SEMICONDUCTOR

Back Button N04L1630C2B Datasheet HTML 2Page - AMI SEMICONDUCTOR N04L1630C2B Datasheet HTML 3Page - AMI SEMICONDUCTOR N04L1630C2B Datasheet HTML 4Page - AMI SEMICONDUCTOR N04L1630C2B Datasheet HTML 5Page - AMI SEMICONDUCTOR N04L1630C2B Datasheet HTML 6Page - AMI SEMICONDUCTOR N04L1630C2B Datasheet HTML 7Page - AMI SEMICONDUCTOR N04L1630C2B Datasheet HTML 8Page - AMI SEMICONDUCTOR N04L1630C2B Datasheet HTML 9Page - AMI SEMICONDUCTOR N04L1630C2B Datasheet HTML 10Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
(DOC# 14-02-042 ReI I ECN# 01-1374
The specifications of this device are subject to change without notice. For latest documentation see http://www.amis.com.
N04L1630C2B
Advance Information
AMI Semiconductor, Inc.
Timing Test Conditions
Item
Input Pulse Level
0.1VCC to 0.9 VCC
Input Rise and Fall Time
5ns
Input and Output Timing Reference Levels
0.5 VCC
Output Load
CL = 30pF
Operating Temperature
-40 to +85 oC
Timing
Item
Symbol
-55
-70
Units
Min.
Max.
Min.
Max.
Read Cycle Time
tRC
55
70
ns
Address Access Time
tAA
55
70
ns
Page Mode Address Access Time
tAAP
30
35
ns
Chip Enable to Valid Output
tCO
55
70
ns
Output Enable to Valid Output
tOE
30
35
ns
Byte Select to Valid Output
tBE
55
70
ns
Chip Enable to Low-Z output
tLZ
10
10
ns
Output Enable to Low-Z Output
tOLZ
55
ns
Byte Select to Low-Z Output
tBZ
10
10
ns
Chip Disable to High-Z Output
tHZ
0
20
0
20
ns
Output Disable to High-Z Output
tOHZ
0
20
0
20
ns
Byte Select Disable to High-Z Output
tBHZ
0
20
0
20
ns
Output Hold from Address Change
tOH
10
10
ns
Write Cycle Time
tWC
55
70
ns
Chip Enable to End of Write
tCW
45
50
ns
Address Valid to End of Write
tAW
45
50
ns
Byte Select to End of Write
tBW
45
50
ns
Write Pulse Width
tWP
40
40
ns
Address Setup Time
tAS
00
ns
Write Recovery Time
tWR
00
ns
Write to High-Z Output
tWHZ
20
20
ns
Data to Write Time Overlap
tDW
40
40
ns
Data Hold from Write Time
tDH
00
ns
End Write to Low-Z Output
tOW
55
ns


유사한 부품 번호 - N04L1630C2B

제조업체부품명데이터시트상세설명
logo
NanoAmp Solutions, Inc.
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1AB NANOAMP-N04L163WC1AB Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1AB-70I NANOAMP-N04L163WC1AB-70I Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1AB1 NANOAMP-N04L163WC1AB1 Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1AB1-70I NANOAMP-N04L163WC1AB1-70I Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
More results

유사한 설명 - N04L1630C2B

제조업체부품명데이터시트상세설명
logo
NanoAmp Solutions, Inc.
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
ON Semiconductor
N04L63W1A ONSEMI-N04L63W1A Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
N04L63W2A ONSEMI-N04L63W2A Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
logo
AMI SEMICONDUCTOR
N04Q1618C2B AMI-N04Q1618C2B Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
logo
NanoAmp Solutions, Inc.
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04Q16YYC2B NANOAMP-N04Q16YYC2B Datasheet
298Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
logo
List of Unclassifed Man...
N04L163WC1C ETC-N04L163WC1C Datasheet
271Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
NanoAmp Solutions, Inc.
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com