전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1575 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA1575
상세설명  FM front end circuit for CENELEC EN 55020 applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1575 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA1575 Datasheet HTML 1Page - NXP Semiconductors TDA1575 Datasheet HTML 2Page - NXP Semiconductors TDA1575 Datasheet HTML 3Page - NXP Semiconductors TDA1575 Datasheet HTML 4Page - NXP Semiconductors TDA1575 Datasheet HTML 5Page - NXP Semiconductors TDA1575 Datasheet HTML 6Page - NXP Semiconductors TDA1575 Datasheet HTML 7Page - NXP Semiconductors TDA1575 Datasheet HTML 8Page - NXP Semiconductors TDA1575 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
April 1993
5
Philips Semiconductors
Preliminary specification
FM front end circuit for
CENELEC EN 55020 applications
TDA1575T
CHARACTERISTICS
VP = 8.5 V and Tamb = +25°C, measurements taken in Fig.1 with f0 = 98 MHz (EMF1) unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 13)
7
8.5
10
V
IP
supply current
without mixer
16
23
30
mA
VREF
reference voltage (pin 5)
I5 ≤ 3 mA
3.9
4.2
4.4
V
Mixer
I14+15
mixer supply current (pins 14 and 15)
4
mA
V1,2
DC voltage input (pins 1 and 2)
1
V
Z1,2
input impedance
14
−Ω
V14,15
DC output voltage (pins 14 and 15)
4
10
V
C14,15
output capacitance
13
pF
GP
conversion power gain
note 1
14
dB
EMF1IP3
3rd order intercept point
115
dB
µV
NF
noise figure
9
dB
total noise figure
including
transforming network
11
dB
Oscillator
V7,8
DC input voltage (pins 7 and 8)
1.3
V
V6
DC output voltage (pin 6)
2.0
V
∆f
residual FM at pin 6
f = 300 to 15000 Hz;
de-emphasis 50
µs
2.2
Hz
Oscillator buffered output (pin 9)
VO
output signal (RMS value)
RL= 500 Ω; CL= 2 pF
75
−−
mV
V9
DC output voltage
6
V
R9
DC output resistor
950
−Ω
THD
total harmonic distortion
−−15
dBC
fS
spurious frequencies
EMF1 = 2 V;
RS = 50 Ω;
fOSC = 108.7 MHz
−−37
dBC
Automatic gain control (AGC)
R3
input resistance (pin 3)
4
k
C3
input capacitance
3
pF
V16
AGC output swing (DC)
Figs 3 and 4
0.5
VP − 0.3 V
I16
output current at I3 = 0
V16 = 12VP
−25
−50
−150
µA
output current at U3 = 2 V
V16 = 7 to 10 V
2
5mA
EMF2
threshold (RMS value)
I16 = 0; V16 = 12VP;
Figs 4 and 5
17
mV


유사한 부품 번호 - TDA1575

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1572 PHILIPS-TDA1572 Datasheet
229Kb / 19P
   AM receiver circuit
December 1987
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
TDA1574 PHILIPS-TDA1574 Datasheet
114Kb / 11P
   Integrated FM tuner for radio receivers
February 1985
logo
Gunter Seniconductor Gm...
TDA1574 GSG-TDA1574 Datasheet
159Kb / 12P
   Integrated FM Tuner for Radio Receivers
logo
NXP Semiconductors
TDA1574T PHILIPS-TDA1574T Datasheet
104Kb / 13P
   Integrated FM tuner for radio receivers
August 1990
More results

유사한 설명 - TDA1575

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
AN7216 PANASONIC-AN7216 Datasheet
128Kb / 4P
   FM Front End Circuit for Radios
AN7213 PANASONIC-AN7213 Datasheet
188Kb / 4P
   FM FRONT END CIRCUIT FOR RADIO
AN7243S PANASONIC-AN7243S Datasheet
81Kb / 7P
   FM Front-end Circuit for Car Radio
AN7254 PANASONIC-AN7254 Datasheet
104Kb / 4P
   FM FRONT-END CIRCUIT FOR CAR RADIO
logo
NTE Electronics
NTE1843 NTE-NTE1843 Datasheet
21Kb / 2P
   Integrated Circuit FM Front End
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Sanyo Semicon Device
LA1175 SANYO-LA1175 Datasheet
778Kb / 14P
   FM Front End For Car Radio, Home Stereo Applications
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
A6058 UTC-A6058_16 Datasheet
168Kb / 6P
   FM FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com