전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTGF180H60G 데이터시트(PDF) 3 Page - Microsemi Corporation

부품명 APTGF180H60G
상세설명  APTGF180H60G NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF180H60G 데이터시트(HTML) 3 Page - Microsemi Corporation

  APTGF180H60G Datasheet HTML 1Page - Microsemi Corporation APTGF180H60G Datasheet HTML 2Page - Microsemi Corporation APTGF180H60G Datasheet HTML 3Page - Microsemi Corporation APTGF180H60G Datasheet HTML 4Page - Microsemi Corporation APTGF180H60G Datasheet HTML 5Page - Microsemi Corporation APTGF180H60G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APTGF180H60G
www.microsemi.com
3 - 6
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
IGBT
0.15
RthJC
Junction to Case Thermal Resistance
Diode
0.32
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To heatsink
M6
3
5
Torque Mounting torque
For terminals
M5
2
3.5
N.m
Wt
Package Weight
280
g
SP6 Package outline (dimensions in mm)
See application note APT0601 - Mounting Instructions for SP6 Power Modules on www.microsemi.com


유사한 부품 번호 - APTGF180H60G

제조업체부품명데이터시트상세설명
logo
Advanced Power Technolo...
APTGF180H60 ADPOW-APTGF180H60 Datasheet
294Kb / 6P
   Full - Bridge NPT IGBT Power Module
More results

유사한 설명 - APTGF180H60G

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
APTGF300A120G MICROSEMI-APTGF300A120G Datasheet
243Kb / 5P
   APTGF300A120G NPT IGBT Power Module
APTGF90DA60T3AG MICROSEMI-APTGF90DA60T3AG Datasheet
208Kb / 5P
   Boost chopper NPT IGBT Power Module Power Module
APTGF100A120T3AG MICROSEMI-APTGF100A120T3AG Datasheet
205Kb / 5P
   Phase leg NPT IGBT Power Module Power Module
APTGF150A120T3AG MICROSEMI-APTGF150A120T3AG Datasheet
203Kb / 5P
   Phase leg NPT IGBT Power Module Power Module
APTGF90SK60T3AG MICROSEMI-APTGF90SK60T3AG Datasheet
208Kb / 5P
   Buck chopper NPT IGBT Power Module Power Module
APTGF90A60T3AG MICROSEMI-APTGF90A60T3AG Datasheet
204Kb / 5P
   Phase leg NPT IGBT Power Module Power Module
APTGF150A60T3AG MICROSEMI-APTGF150A60T3AG Datasheet
207Kb / 5P
   Phase leg NPT IGBT Power Module Power Module
APTGF50H60T3G MICROSEMI-APTGF50H60T3G Datasheet
294Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF75SK60D1 MICROSEMI-APTGF75SK60D1 Datasheet
173Kb / 3P
   Buck Chopper NPT IGBT Power Module
APTGF150H120G MICROSEMI-APTGF150H120G Datasheet
250Kb / 5P
   Full - Bridge NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com