전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTGF300U120DG 데이터시트(PDF) 2 Page - Microsemi Corporation

부품명 APTGF300U120DG
상세설명  Single Switch with Series diodes NPT IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF300U120DG 데이터시트(HTML) 2 Page - Microsemi Corporation

  APTGF300U120DG Datasheet HTML 1Page - Microsemi Corporation APTGF300U120DG Datasheet HTML 2Page - Microsemi Corporation APTGF300U120DG Datasheet HTML 3Page - Microsemi Corporation APTGF300U120DG Datasheet HTML 4Page - Microsemi Corporation APTGF300U120DG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTGF300U120DG
www.microsemi.com
2 – 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
500
ICES
Zero Gate Voltage Collector Current
VGE = 0V
VCE = 1200V
Tj = 125°C
750
µA
Tj = 25°C
3.3
3.9
VCE(sat)
Collector Emitter saturation Voltage
VGE =15V
IC = 300A
Tj = 125°C
4
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 12mA
4.5
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = ±20V, VCE = 0V
±1
µA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
21
Coes
Output Capacitance
2.9
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
1.52
nF
Td(on)
Turn-on Delay Time
120
Tr
Rise Time
50
Td(off)
Turn-off Delay Time
310
Tf
Fall Time
Inductive Switching (25°C)
VGE = 15V
VBus = 600V
IC = 300A
RG = 3Ω
30
ns
Td(on)
Turn-on Delay Time
130
Tr
Rise Time
60
Td(off)
Turn-off Delay Time
360
Tf
Fall Time
Inductive Switching (125°C)
VGE = 15V
VBus = 600V
IC = 300A
RG = 3Ω
40
ns
Eon
Turn-on Switching Energy
Tj = 125°C
25
Eoff
Turn-off Switching Energy
VGE = 15V
VBus = 600V
IC = 300A
RG = 3Ω
Tj = 125°C
15
mJ
Diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1200
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=1200V
Tj = 125°C
500
µA
IF
DC Forward Current
Tc = 80°C
300
A
Tj = 25°C
2.1
VF
Diode Forward Voltage
IF = 300A
Tj = 125°C
1.9
V
Tj = 25°C
120
trr
Reverse Recovery Time
Tj = 125°C
210
ns
Tj = 25°C
22
Qrr
Reverse Recovery Charge
Tj = 125°C
43
µC
Tj = 25°C
7
Er
Reverse Recovery Energy
IF = 300A
VR = 600V
di/dt =4500A/µs
Tj = 125°C
15
mJ


유사한 부품 번호 - APTGF300U120DG

제조업체부품명데이터시트상세설명
logo
Advanced Power Technolo...
APTGF300U120D ADPOW-APTGF300U120D Datasheet
265Kb / 5P
   Single Switch with Series diodes NPT IGBT Power Module
More results

유사한 설명 - APTGF300U120DG

제조업체부품명데이터시트상세설명
logo
Advanced Power Technolo...
APTGF200U120D ADPOW-APTGF200U120D Datasheet
291Kb / 6P
   Single Switch with Series diodes NPT IGBT Power Module
APTGF300U120D ADPOW-APTGF300U120D Datasheet
265Kb / 5P
   Single Switch with Series diodes NPT IGBT Power Module
logo
Microsemi Corporation
APTGF200U120DG MICROSEMI-APTGF200U120DG Datasheet
267Kb / 6P
   Single Switch with Series diodes NPT IGBT Power Module
APTGF530U120D4G MICROSEMI-APTGF530U120D4G Datasheet
204Kb / 5P
   Single switch NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF660U60D4 ADPOW-APTGF660U60D4 Datasheet
201Kb / 3P
   Single switch NPT IGBT Power Module
APTGF500U60D4 ADPOW-APTGF500U60D4 Datasheet
201Kb / 3P
   Single switch NPT IGBT Power Module
logo
Microsemi Corporation
APTGF660U60D4G MICROSEMI-APTGF660U60D4G Datasheet
203Kb / 5P
   Single switch NPT IGBT Power Module
APTGF400U120D4G MICROSEMI-APTGF400U120D4G Datasheet
204Kb / 5P
   Single switch NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF200U60D4 ADPOW-APTGF200U60D4 Datasheet
264Kb / 5P
   Single switch NPT IGBT Power Module
APTGF360U60D4 ADPOW-APTGF360U60D4 Datasheet
201Kb / 3P
   Single switch NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com