전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1579 데이터시트(Datasheet) 10 Page - NXP Semiconductors

부품명 TDA1579
상세내용  Decoder for traffic warning VWF radio transmissions
PDF  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 10 page
background image
May 1992
10
Philips Semiconductors
Product specification
Decoder for traffic warning (VWF) radio
transmissions
TDA1579
TDA1579T
PACKAGE OUTLINES
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT102-1
93-10-14
95-01-23
UNIT
A
max.
12
b1
(1)
(1)
(1)
b2
cD
E
e
M
Z
H
L
mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
A
min.
A
max.
b
max.
w
ME
e 1
1.40
1.14
0.53
0.38
0.32
0.23
21.8
21.4
6.48
6.20
3.9
3.4
0.254
2.54
7.62
8.25
7.80
9.5
8.3
0.85
4.7
0.51
3.7
inches
0.055
0.044
0.021
0.015
0.013
0.009
1.40
1.14
0.055
0.044
0.86
0.84
0.26
0.24
0.15
0.13
0.01
0.10
0.30
0.32
0.31
0.37
0.33
0.033
0.19
0.020
0.15
MH
c
(e )
1
ME
A
L
A1
w M
b1
b2
e
D
A2
Z
18
1
10
9
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
DIP18: plastic dual in-line package; 18 leads (300 mil)
SOT102-1




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1581TDecoder for traffic warning VWF radio transmissions 1 2 3 4 5 MoreNXP Semiconductors
LM1872Radio Control Receiver/Decoder Coming SoonNational Semiconductor (TI)
MC14543BBCD-to-Seven Segment Latch/Decoder/Driver for Liquid Crystals 1 2 3 4 5 MoreON Semiconductor
AN5829SSound multiplex decoder IC for the U.S. televisions 1 2 3 4 5 MorePanasonic Semiconductor
CD54-74HC4543HIGH-SPEED CMOS LOGIC BCD-TO7 SEGMENT LATCH/DECODER/DRIVER FOR LCDS 1 2 3 4 5 MoreTI store
AN7203FM FRONT-END IC FOR RADIO RADIO CASSETTE RECORDER 1 2 3 4 List of Unclassifed Manufacturers
ILA8395ICs for TV-SETS SECAM Decoder 1 2 Integral Corp.
LA1207FM/AM IF AMP FOR RADIO CASSETE MUSIC CENTER 1 Sanyo Semicon Device
LA41252-CHANNEL AF POWER AMP FOR RADIO TAPE RECORDER 1 Sanyo Semicon Device
NTE1232Integrated Circuit Audio Amplifier for Car Radio 8W 1 2 3 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl