전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1579T 데이터시트(Datasheet) 9 Page - NXP Semiconductors

부품명 TDA1579T
상세내용  Decoder for traffic warning VWF radio transmissions
PDF  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 9 page
background image
May 1992
9
Philips Semiconductors
Product specification
Decoder for traffic warning (VWF) radio
transmissions
TDA1579
TDA1579T
FILTER INFORMATION
Gain
Amplifier conditions: Go >> Gv and Go >> 2 ⋅ Q2
, in which p = j
ω and Gv =.
Recommended components
GENERAL EQUATION
C1 = C2 = C
C1 = C2 = C
R2 < < R1
Resonance frequency
ωr =
Gain at
ω = ω
r
−Gvr =
Quality
Q=
C1, C2
metallized polycarbonate film (MKC) capacitors;
± 5%
and
R1, R2, R3
metal film (MR) resistors;
± 2%
or
C1, C2
metallized polyester film (MKT) capacitors;
± 5%
and
R1, R2, R3
carbon film (CR) resistors;
± 2%
G
v
p
R1 C1
--------------------
p
2
p
C1
C2
+
R3 C1 C2
⋅⋅
---------------------------------
R1
R2
+
R1 R2 R3 C1 C2
⋅⋅⋅⋅
----------------------------------------------------------
++
-------------------------------------------------------------------------------------------------------------------
=
V
o
V
i
------
1
R1 R2
R1
R2
+
---------------------- R3 C1 C2
⋅⋅⋅
-----------------------------------------------------------------
1
C
R1 R2
R1
R2
+
---------------------- R3
--------------------------------------------
1
CR2 R3
-----------------------------
C2
C1
C2
+
----------------------
R3
R1
--------
1
2
---
R3
R1
--------
1
2
---
R3
R1
--------
C1 C2
C1
C2
+
------------------------
R3 R1
R2
+
()
R1 R2
--------------------------------------
1
2
---
R3 R1
R2
+
()
R1 R2
--------------------------------------
1
2
---
R3
R2
--------




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1581TDecoder for traffic warning VWF radio transmissions 1 2 3 4 5 MoreNXP Semiconductors
LM1872Radio Control Receiver/Decoder Coming SoonNational Semiconductor (TI)
MC14543BBCD-to-Seven Segment Latch/Decoder/Driver for Liquid Crystals 1 2 3 4 5 MoreON Semiconductor
AN5829SSound multiplex decoder IC for the U.S. televisions 1 2 3 4 5 MorePanasonic Semiconductor
CD54-74HC4543HIGH-SPEED CMOS LOGIC BCD-TO7 SEGMENT LATCH/DECODER/DRIVER FOR LCDS 1 2 3 4 5 MoreTI store
AN7203FM FRONT-END IC FOR RADIO RADIO CASSETTE RECORDER 1 2 3 4 List of Unclassifed Manufacturers
ILA8395ICs for TV-SETS SECAM Decoder 1 2 Integral Corp.
LA1207FM/AM IF AMP FOR RADIO CASSETE MUSIC CENTER 1 Sanyo Semicon Device
LA41252-CHANNEL AF POWER AMP FOR RADIO TAPE RECORDER 1 Sanyo Semicon Device
NTE1232Integrated Circuit Audio Amplifier for Car Radio 8W 1 2 3 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl