전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1591 데이터시트(PDF) 13 Page - NXP Semiconductors

부품명 TDA1591
상세설명  PLL stereo decoder and noise blanker
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1591 데이터시트(HTML) 13 Page - NXP Semiconductors

Back Button TDA1591 Datasheet HTML 9Page - NXP Semiconductors TDA1591 Datasheet HTML 10Page - NXP Semiconductors TDA1591 Datasheet HTML 11Page - NXP Semiconductors TDA1591 Datasheet HTML 12Page - NXP Semiconductors TDA1591 Datasheet HTML 13Page - NXP Semiconductors TDA1591 Datasheet HTML 14Page - NXP Semiconductors TDA1591 Datasheet HTML 15Page - NXP Semiconductors TDA1591 Datasheet HTML 16Page - NXP Semiconductors TDA1591 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1996 Sep 02
13
Philips Semiconductors
Product specification
PLL stereo decoder and noise blanker
TDA1591
PACKAGE OUTLINES
UNIT
A
max.
1
2
b1
cD
E
e
MH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
SOT146-1
92-11-17
95-05-24
A
min.
A
max.
b
Z
max.
w
M E
e 1
1.73
1.30
0.53
0.38
0.36
0.23
26.92
26.54
6.40
6.22
3.60
3.05
0.254
2.54
7.62
8.25
7.80
10.0
8.3
2.0
4.2
0.51
3.2
0.068
0.051
0.021
0.015
0.014
0.009
1.060
1.045
0.25
0.24
0.14
0.12
0.01
0.10
0.30
0.32
0.31
0.39
0.33
0.078
0.17
0.020
0.13
SC603
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
20
1
11
10
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
(1)
(1)
(1)
DIP20: plastic dual in-line package; 20 leads (300 mil)
SOT146-1


유사한 부품 번호 - TDA1591

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1592 PHILIPS-TDA1592 Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1592T PHILIPS-TDA1592T Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1593 PHILIPS-TDA1593 Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
TDA1593T PHILIPS-TDA1593T Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
More results

유사한 설명 - TDA1591

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1592 PHILIPS-TDA1592 Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
logo
Siemens Semiconductor G...
TDA4340X SIEMENS-TDA4340X Datasheet
671Kb / 15P
   Stereo Decoder/Noise Blanker
logo
NXP Semiconductors
TEA5580 PHILIPS-TEA5580 Datasheet
347Kb / 9P
   PLL stereo decoder
May 1986
TEA5581 PHILIPS-TEA5581 Datasheet
133Kb / 16P
   PLL stereo decoder
June 1989
logo
List of Unclassifed Man...
TCA4511-2 ETC1-TCA4511-2 Datasheet
275Kb / 9P
   PLL Stereo decoder
logo
NXP Semiconductors
TDA7040T PHILIPS-TDA7040T Datasheet
112Kb / 11P
   Low voltage PLL stereo decoder
September 1986
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
TDA1005A PHILIPS-TDA1005A Datasheet
872Kb / 19P
   FREQUENCY MULTIPLEX PLL STEREO DECODER
fEBRUARY 1980
logo
Allegro MicroSystems
3845 ALLEGRO-3845 Datasheet
233Kb / 8P
   AM NOISE BLANKER
logo
NTE Electronics
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com