전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1591 데이터시트(Datasheet) 2 Page - NXP Semiconductors

부품명 TDA1591
상세내용  PLL stereo decoder and noise blanker
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 2 page
background image
1996 Sep 02
2
Philips Semiconductors
Product specification
PLL stereo decoder and noise blanker
TDA1591
FEATURES
• Adjustment-free voltage controlled PLL oscillator for
ceramic resonator (f = 456 kHz)
• Pilot signal dependent mono/stereo switching
• Analog control of mono/stereo change over
[stereo blend, Stereo Noise Controller (SNC)]
• Adjacent channel noise suppression (114 kHz)
• Pilot canceller
• Analog control of de-emphasis; High Cut Control (HCC)
• Applicable as source selector for AM/FM/cassette
switching
• Separate interference noise detector
• Integrated input low-pass filter for delayed noise
blanking
• Noise blanking at MPX-demodulator outputs
• Internal voltage stabilization.
GENERAL DESCRIPTION
The TDA1591 is a monolithic bipolar integrated circuit
providing the stereo decoder function and noise blanking
for FM car radio applications.
The device operates in a power supply range of
7.5 to 12 V.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 5)
7.5
10
12
V
IP
supply current
12
mA
Vo(rms)
audio output signal (RMS value)
900
mV
THD
total harmonic distortion
0.1
0.3
%
S/N
signal-to-noise ratio
76
dB
αcs
channel separation
40
dB
Vtrigg
interference voltage trigger level
10
mV
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1591
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1
TDA1591T
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1592PLL stereo decoder and noise blanker 1 2 3 4 5 MoreNXP Semiconductors
TDA4340XStereo Decoder/Noise Blanker 1 2 3 4 5 MoreSiemens Semiconductor Group
TDA1005AFREQUENCY MULTIPLEX PLL STEREO DECODER 1 2 3 4 5 MoreNXP Semiconductors
TDA9853HI2C-bus controlled economic BTSC stereo decoder and audio processor 1 2 3 4 5 MoreNXP Semiconductors
TCA4511-2PLL Stereo decoder 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PCM1740Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL 1 2 3 4 5 MoreBurr-Brown (TI)
TDA6650TT5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner digital and analog 1 2 3 4 5 MoreNXP Semiconductors
TDA9855I2C-bus controlled BTSC stereo/SAP decoder and audio processor 1 2 3 4 5 MoreNXP Semiconductors
LM4982Ground-Referenced Ultra Low Noise 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume 1 2 3 4 5 MoreNational Semiconductor (TI)
NTE7050Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 3 4 5 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl