전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1591 데이터시트(Datasheet) 4 Page - NXP Semiconductors

부품명 TDA1591
상세내용  PLL stereo decoder and noise blanker
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 4 page
background image
1996 Sep 02
4
Philips Semiconductors
Product specification
PLL stereo decoder and noise blanker
TDA1591
PINNING
SYMBOL
PIN
DESCRIPTION
PLL
1
phase locked loop filter
OSC
2
oscillator input/output pin for
ceramic resonator
GND
3
ground (0 V)
Iref
4
reference current
VP
5
supply voltage (+10 V)
INFI
6
interference signal input
PUFO
7
pulse former time constant;
VCO off
NDET
8
noise detector time constant;
mute on
FB-L
9
AF feedback input for left audio
signal
VoL
10
AF output signal left
VoR
11
AF output signal right
FB-R
12
AF feedback input for right audio
signal
CDEEL
13
de-emphasis capacitor for left
channel
CDEER
14
de-emphasis capacitor for right
channel
HCC
15
HCC input for de-emphasis control
SNC
16
stereo blend input
Vref
17
externally applied reference
voltage of 1 to 5 V
IDENT
18
identification output (HIGH = pilot
existing; stereo)
PILOT
19
pilot detector level (forced mono
input)
Vi MPX
20
MPX input signal from IF
demodulator
Fig.2 Pin configuration.
handbook, halfpage
TDA1591
MHA363
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PLL
OSC
GND
INFI
PUFO
NDET
FB-L
VoL
Iref
VP
Vi MPX
VoR
CDEEL
CDEER
HCC
SNC
IDENT
PILOT
Vref
FB-R




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1592PLL stereo decoder and noise blanker 1 2 3 4 5 MoreNXP Semiconductors
TDA4340XStereo Decoder/Noise Blanker 1 2 3 4 5 MoreSiemens Semiconductor Group
TDA1005AFREQUENCY MULTIPLEX PLL STEREO DECODER 1 2 3 4 5 MoreNXP Semiconductors
TDA9853HI2C-bus controlled economic BTSC stereo decoder and audio processor 1 2 3 4 5 MoreNXP Semiconductors
TCA4511-2PLL Stereo decoder 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PCM1740Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL 1 2 3 4 5 MoreBurr-Brown (TI)
TDA6650TT5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner digital and analog 1 2 3 4 5 MoreNXP Semiconductors
TDA9855I2C-bus controlled BTSC stereo/SAP decoder and audio processor 1 2 3 4 5 MoreNXP Semiconductors
LM4982Ground-Referenced Ultra Low Noise 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume 1 2 3 4 5 MoreNational Semiconductor (TI)
NTE7050Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 3 4 5 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl