전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1591T 데이터시트(Datasheet) 6 Page - NXP Semiconductors

부품명 TDA1591T
상세내용  PLL stereo decoder and noise blanker
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

 
 6 page
background image
1996 Sep 02
6
Philips Semiconductors
Product specification
PLL stereo decoder and noise blanker
TDA1591
CHARACTERISTICS
VP = 10 V; Tamb =25 °C; input signal Vi MPX(p-p) = 1.7 V; m = 100% (∆f= ±75 kHz, fmod = 1 kHz); de-emphasis of 50 µs
and series resistor at input R1 = 150 k
Ω; measurements taken in Fig.1; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage (pin 5)
7.5
10
12
V
IP
supply current
12
mA
Stereo decoder
Vi MPX(p-p)
MPX input signal on pin 20
(peak-to-peak value)
1.7
V
∆Vi MPX(p-p) overdrive margin of MPX input signal
THD = 1%
3
−−
dB
Vo(rms)
AF mono output signal at pins 10 and 11
(RMS value)
without pilot
900
mV
∆Vo
overdrive margin of output signal
THD = 1%
3
−−
dB
V10-11/Vo
difference of output voltage levels
−−
1dB
Vo 10,11
DC output voltage (pins 10 and 11)
3.3
3.8
4.3
V
Ro 10,11
output resistance
130
−Ω
αcs
channel separation
pin 16 open-circuit;
see Fig.6
40
dB
THD
total harmonic distortion
0.1
0.3
%
S/N
signal-to-noise ratio
f = 20 to 16000 Hz
76
dB
α19
pilot signal suppression
f = 19 kHz
50
dB
α38
subcarrier suppression
f = 38 kHz
50
dB
α57
f = 57 kHz
46
dB
α76
f = 76 kHz
60
dB
IM2
intermodulation for fspur = 1 kHz
fmod = 10 kHz; note 1
60
dB
IM3
fmod = 13 kHz; note 1
58
dB
α57ARI
traffic radio (ARI)
f = 57 kHz; note 2
70
dB
α67
Subsidiary Communication Authorization
(SCA)
f = 67 kHz; note 3
70
−−
dB
α114
Adjacent Channel Interference (ACI)
f = 114 kHz; note 4
80
dB
α190
f = 190 kHz; note 4
70
dB
PSRR
power supply ripple rejection
f = 100 Hz;
Vripple(rms) = 100 mV
35
dB
VCO (pin 2)
fosc
oscillator frequency (ceramic resonator)
456
kHz
frequency range of free running oscillator
452
460
kHz
∆f/f
capture and holding range
1
%
V7
VCO-off voltage (pin 7)
0
0.6
V




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1592PLL stereo decoder and noise blanker 1 2 3 4 5 MoreNXP Semiconductors
TDA4340XStereo Decoder/Noise Blanker 1 2 3 4 5 MoreSiemens Semiconductor Group
TDA1005AFREQUENCY MULTIPLEX PLL STEREO DECODER 1 2 3 4 5 MoreNXP Semiconductors
TDA9853HI2C-bus controlled economic BTSC stereo decoder and audio processor 1 2 3 4 5 MoreNXP Semiconductors
TCA4511-2PLL Stereo decoder 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PCM1740Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL 1 2 3 4 5 MoreBurr-Brown (TI)
TDA6650TT5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner digital and analog 1 2 3 4 5 MoreNXP Semiconductors
TDA9855I2C-bus controlled BTSC stereo/SAP decoder and audio processor 1 2 3 4 5 MoreNXP Semiconductors
LM4982Ground-Referenced Ultra Low Noise 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume 1 2 3 4 5 MoreNational Semiconductor (TI)
NTE7050Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 3 4 5 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl